Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPUDCAPBL-X Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # CPUDCAPBL-X
Description  TX6A??Category 6A UTP Field Term RJ45 Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CPUDCAPBL-X Datasheet(HTML) 2 Page - PANDUIT CORP.

  CPUDCAPBL-X Datasheet HTML 1Page - PANDUIT CORP. CPUDCAPBL-X Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TX6ACategory 6A UTP Field Term RJ45 Plug
Dimensions
©2019 Panduit Corp.
ALL RIGHTS RESERVED.
COSP412--WW-ENG
4/2019
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT US/CANADA
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
Phone: 65.6305.7575
PANDUIT INTERNATIONAL LTD.
Victoria, Australia
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
Phone: 52.33.3777.6000
Dimensions are in inches. [Dimensions in brackets are metric.]
Straight Field Term Plug w/out protective cover
45° up/down Angled Field Term Plug w/out protective cover
Straight Wire Cap Assembly
45
° Angled Up/Down Wire Cap Assembly
0.53
[13.5]
0.54
[13.6]
1.82
[46.2]
2.05
[52.0]
0.62
[15.8]
0.62
[15.8]
Visit us at www.panduit.com
For more information
0.62
[15.7]
0.53
[13.6]
0.72
[18.3]
0.60
[15.2]
0.95
[24.1]
0.54
[13.6]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com