Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LX1G05STR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LX1G05STR
Description  SINGLE INVERTER OPEN DRAIN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G05STR Datasheet(HTML) 1 Page - STMicroelectronics

  74LX1G05STR Datasheet HTML 1Page - STMicroelectronics 74LX1G05STR Datasheet HTML 2Page - STMicroelectronics 74LX1G05STR Datasheet HTML 3Page - STMicroelectronics 74LX1G05STR Datasheet HTML 4Page - STMicroelectronics 74LX1G05STR Datasheet HTML 5Page - STMicroelectronics 74LX1G05STR Datasheet HTML 6Page - STMicroelectronics 74LX1G05STR Datasheet HTML 7Page - STMicroelectronics 74LX1G05STR Datasheet HTML 8Page - STMicroelectronics 74LX1G05STR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
March 2002
s
5V TOLERANT INPUTS
s
HIGH SPEED: tPD = 4.2ns (MAX.) at VCC = 3V
s
LOW POWER DISSIPATION:
ICC = 1µA (MAX.) at TA = 25°C
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 1.65V to 5.5V
(1.2V Data Retention)
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74LX1G05 is a low voltage CMOS SINGLE
INVERTER
(OPEN
DRAIN)
fabricated
with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provide high noise
immunity and stable output.
This device can also be used as a led driver in any
other application requiring current sink.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge.
74LX1G05
SINGLE INVERTER OPEN DRAIN
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-5L
74LX1G05STR
SOT323-5L
74LX1G05CTR
SOT323-5L
SOT23-5L


Similar Part No. - 74LX1G05STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G00 STMICROELECTRONICS-74LX1G00 Datasheet
200Kb / 10P
SINGLE 2-INPUT NAND GATE
Oct-2002
74LX1G00CTR STMICROELECTRONICS-74LX1G00CTR Datasheet
200Kb / 10P
SINGLE 2-INPUT NAND GATE
Oct-2002
74LX1G00STR STMICROELECTRONICS-74LX1G00STR Datasheet
200Kb / 10P
SINGLE 2-INPUT NAND GATE
Oct-2002
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
SINGLE 2-INPUT NOR GATE
Oct-2002
74LX1G02CTR STMICROELECTRONICS-74LX1G02CTR Datasheet
200Kb / 10P
SINGLE 2-INPUT NOR GATE
Oct-2002
More results

Similar Description - 74LX1G05STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G05 STMICROELECTRONICS-74V1G05 Datasheet
49Kb / 7P
SINGLE INVERTER OPEN DRAIN
Sep-1999
74V1T05 STMICROELECTRONICS-74V1T05 Datasheet
47Kb / 7P
SINGLE INVERTER OPEN DRAIN
Sep-1999
logo
Toshiba Semiconductor
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
INVERTER (OPEN DRAIN)
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
Inverter (Open Drain)
logo
STMicroelectronics
74V1G05 STMICROELECTRONICS-74V1G05_04 Datasheet
111Kb / 9P
SINGLE INVERTER (OPEN DRAIN)
Apr-2004
logo
Toshiba Semiconductor
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
INVERTER (Open Drain)
TC7SH05FE TOSHIBA-TC7SH05FE Datasheet
151Kb / 6P
INVERTER (Open Drain)
2009-09-30
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
INVERTER (Open Drain)
2014-03-01
TC7SG05AFS TOSHIBA-TC7SG05AFS Datasheet
266Kb / 7P
Inverter (Open Drain)
2013-03-01
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
Inverter (Open Drain)
2013-03-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com