Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7412FRRPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7412FRRPR
Description  TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7412FRRPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMUX7412FRRPR Datasheet HTML 29Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 30Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 31Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 32Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 33Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 34Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 35Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 36Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
9.3.4 Bidirectional Operation
The TMUX7411F, TMUX7412F, and TMUX7413F conduct equally well from source (Sx) to drain (Dx) or from
drain (Dx) to source (Sx). However, it is noted that the overvoltage protection is implemented only on the source
(Sx) side. The voltage on the drain is only allowed to swing between VDD and VSS and no overvotlage protection
is available on the drain side.
The flatest on-resistance region extends from VSS to roughly 3 V below VDD. Once the signal is within 3 V of VDD
the on-resistance will expoentially increase and may impact desired signal transmission.
9.4 Device Functional Modes
The TMUX7411F, TMUX7412F, and TMUX7413F offer two modes of operation (normal mode and fault mode)
depending on whether any of the input pins experience an overvoltage condition.
9.4.1 Normal Mode
Signals of up to VDD and VSS can be passed through the switch from source (Sx) to drain (Dx) or from drain (Dx)
to source (Sx) in normal mode operation. According to Table 9-1, Table 9-2, and Table 9-3 the select pins (SELx)
and determines which switch path to turn on. The following conditions must be satisfied for the switch to stay in
the ON condition:
• The difference between the supples (VDD – VSS) must be greater than or equal to 8 V.
• The input signals on the source (Sx) or the drain (Dx) must be be between VDD+ VT and VSS – VT.
• The select control logic (SELx) must have selected the switch.
9.4.2 Fault Mode
The TMUX7411F, TMUX7412F, and TMUX7413F enter into fault mode when any of the input signals on the
source (Sx) pins exceed VDD or VSS by a threshold voltage VT. Under the overvoltage condition, the switch
input experiencing the fault automatically turns off regardless of the logic status, and the source pin becomes
high impedance with negligible amount of leakage current flowing through the switch. When the fault channel is
turned-on by the select control logic (SELx), the drain pin (Dx) left floating and the final voltage is determined by
the circuitry connected to the drain pin.
In the fault mode, the general fault flag (FF) is asserted low.
The overvoltage protection is provided only for the source (Sx) input pins. The drain (Dx) pin, if used as signal
input, must stay in between VDD and VSS at all time since no overvoltage protection is implemented on the drain
pin.
www.ti.com
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404A – MARCH 2021 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com