Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7412FRRPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7412FRRPR
Description  TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7412FRRPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX7412FRRPR Datasheet HTML 2Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 3Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 4Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 5Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 6Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 7Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 8Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 9Page - Texas Instruments TMUX7412FRRPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
7.5 Electrical Characteristics: Global
at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
VT
Threshold voltage for fault detector
25°C
0.7
V
LOGIC INPUT/ OUTPUT
VIH
High-level input voltage
SELx pins
–40°C to +125°C
1.3
44
V
VIL
Low-level input voltage
SELx pins
–40°C to +125°C
0
0.8
V
IIH
High-level input current
VSELx = VDD
–40°C to +125°C
0.4
3
µA
IIL
Low-level input current
VSELx = 0 V
–40°C to +125°C
–1
–0.65
µA
VOL(FLAG)
Low-level output voltage
FF pin, IO = 5 mA
–40°C to +125°C
0.35
V
POWER SUPPLY
VUVLO
Undervoltage lockout (UVLO)
threshold voltage (VDD – VSS)
Rising edge, single supply
–40°C to +125°C
5.1
5.8
6.4
V
Falling edge, single supply
–40°C to +125°C
5
5.7
6.3
V
VHYS
VDD Undervoltage
lockout (UVLO) hysteresis
Single supply
–40°C to +125°C
0.2
V
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404A – MARCH 2021 – REVISED NOVEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com