Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5507SW Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 5507SW
Description  Low Voltage and Power Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5507SW Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  5507SW Datasheet HTML 1Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 2Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 3Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 4Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 5Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 6Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 7Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Catalog No./Item
Description/Specifications
2348
Deep Device Box – 2348 one-gang,
2348-2
2348-2 two-gang, 2348-3 three-gang.
2348-3
For deeper switches and devices.
2348, 2348-2, and 2348-3 Bases
have rectangular KO to enable
extension from existing flush wall
box and 1/2" and 1" concentric
KOs. Accepts NEMA Faceplates.
2348S/51
Shallow Device Box/
Extension Box – For shallow
switches and receptacles. Base
has rectangular KO. Accepts
NEMA Faceplates.
2348AMP
Magnetic Deep Device Box
(with Grommet) – For deeper
switches and devices. Magnetic
backing. Base has rectangular KO.
Accepts NEMA Faceplates
Catalog No./Item
Description/Specifications
2344
Extra Deep Device Box –
2344-2
2344 one-gang, 2344-2 two-gang.
2344-2 base has rectangular KO
to enable extension from existing
single-gang flush wall box and 1/2"
and 1" trade size concentric KOs.
Accepts NEMA Faceplates
2347
Device Box – 2347 one-gang,
2347-2
2347-2 two-gang. For standard
switches and devices. 2347 and
2347-2 Bases have rectangular
KO to enable extension from
existing flush wall box and 1/2"
and 1" trade size concentric KOs.
Accepts NEMA Faceplates
CAT #
GANG(S)
A
B
C
2348
1
4 3/4"
3"
1 3/4"
(121mm)
(76mm)
(35mm)
2348-2
2
4 3/4"
4 7/8"
1 3/4"
(121mm)
(124mm)
(44mm)
2348-3
3
4 3/4"
7"
1 3/4"
(121mm)
(178mm)
(44mm)
A
B
C
NOTE: No suffix denotes ivory finish. Add “–WH” suffix for
white finish.
All single-gang bases have a rectangular knockout on
the base.
Sure-Snap Device Boxes are available
in a variety of sizes and depths.
400, 800, 2300 Series Raceway Sure-Snap® Device Boxes Ordering Information
(For Non-Divided Raceways)
n
Interchangeable covers and bases. Provides installation flexibility.
n
Large knockout. Accommodates many cable types and quantities.
n
Cover removes easily. One twist of a screwdriver removes the cover for
fast changes.
n
No screws to assemble. The secure snap assembly requires fewer tools
and parts, which means a shorter installation time.
400, 800, 2300 Series Raceway Sure-Snap® Device Boxes
4 3/4"
(121mm)
3"
(76mm)
7/8"
(22mm)
CAT #
GANG(S)
A
B
C
2347
1
4 3/4"
3"
1 3/8"
(121mm)
(76mm)
(35mm)
2347-2
2
4 3/4"
4 7/8"
1 3/8"
(121mm)
(124mm)
(35mm)
CAT #
GANG(s)
A
B
C
2344
1
4 3/4"
3"
2 3/4"
(121mm)
(76mm)
(70mm)
2344-2
2
4.3/4"
4 7/8"
2 3/4"
(121mm)
(124mm)
(70mm)
4 3/4"
(121mm)
3"
(76mm)
1 3/8"
(35mm)
A
B
C
A
B
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com