Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5507SW Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 5507SW
Description  Low Voltage and Power Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5507SW Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  5507SW Datasheet HTML 1Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 2Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 3Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 4Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 5Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 6Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 7Page - List of Unclassifed Manufacturers 5507SW Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Item
Description
Cat. No.
Diameter
Depth
Specifications
Blank Cover
2336
4 1/2" (114mm)
—
Use with any round nonmetallic device box
to convert into junction box.
Round
2337A
5 1/2" (140mm) 1" (25mm)
For hanging fixtures, smoke/fire alarms and
Extension
other security devices with 3 1/2" (89mm) or
Box
4 1/16" (103mm) mounting centers. 5 1/2"
(140mm) diameter with open base. Not for
use with ceiling fans.
Fixture Box
2338A
5 1/2" (140mm) 1" (25mm)
For hanging smoke/fire alarms and other
security devices with 3 1/2" (89mm) or
4 1/16" (103mm) mounting centers. Not
for use with ceiling fans.
400, 800, 2300 Series Raceway Round Fixture Boxes for Non-Divided Raceway Ordering Information
NOTE: No suffix denotes ivory finish. Add “–WH” suffix for white finish.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com