Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6562 Datasheet(PDF) 2 Page - Microchip Technology

Part # ATA6562
Description  High-Speed CAN Transceiver with Standby Mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6562 Datasheet(HTML) 2 Page - Microchip Technology

  ATA6562 Datasheet HTML 1Page - Microchip Technology ATA6562 Datasheet HTML 2Page - Microchip Technology ATA6562 Datasheet HTML 3Page - Microchip Technology ATA6562 Datasheet HTML 4Page - Microchip Technology ATA6562 Datasheet HTML 5Page - Microchip Technology ATA6562 Datasheet HTML 6Page - Microchip Technology ATA6562 Datasheet HTML 7Page - Microchip Technology ATA6562 Datasheet HTML 8Page - Microchip Technology ATA6562 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ATA6562/3
DS20005790E-page 2
2017-2021 Microchip Technology Inc. and its subsidiaries
ATA6562/3 Family Members
Device
VIO Pin
NSIL
Grade 0 Grade 1 VDFN8 SOIC8
Description
ATA6562-GAQW0
X
X
X
Standby mode and Silent mode
ATA6562-GAQW1
X
X
X
Standby mode and Silent mode
ATA6562-GBQW0
X
X
X
Standby mode and Silent mode
ATA6562-GBQW1
X
X
X
Standby mode and Silent mode
ATA6563-GAQW0
X
X
X
Standby mode, VIO - pin for
compatibility with 3.3V and 5V
microcontroller
ATA6563-GAQW1
X
X
X
Standby mode, VIO - pin for
compatibility with 3.3V and 5V
microcontroller
ATA6563-GBQW0
X
X
X
Standby mode, VIO-pin for com-
patibility with 3.3V and 5V micro-
controller
ATA6563-GBQW1
X
X
X
Standby mode, VIO - pin for
compatibility with 3.3V and 5V
microcontroller
Note:
For ordering information, see the Product Identification System section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com