Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6562 Datasheet(PDF) 13 Page - Microchip Technology

Part # ATA6562
Description  High-Speed CAN Transceiver with Standby Mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATA6562 Datasheet(HTML) 13 Page - Microchip Technology

Back Button ATA6562 Datasheet HTML 9Page - Microchip Technology ATA6562 Datasheet HTML 10Page - Microchip Technology ATA6562 Datasheet HTML 11Page - Microchip Technology ATA6562 Datasheet HTML 12Page - Microchip Technology ATA6562 Datasheet HTML 13Page - Microchip Technology ATA6562 Datasheet HTML 14Page - Microchip Technology ATA6562 Datasheet HTML 15Page - Microchip Technology ATA6562 Datasheet HTML 16Page - Microchip Technology ATA6562 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
2017-2021 Microchip Technology Inc. and its subsidiaries
DS20005790E-page 13
ATA6562/3
Single Ended Recessive
Output Voltage
VO(rec)
2
0.5 
VVCC
3
V
Normal and Silent mode,
VTXD = VVIO, no load
–0.1
—
+0.1
V
Standby mode,
VTXD = VVIO, no load
Differential Receiver
Threshold Voltage
Vth(RX)dif
0.5
0.7
0.9
V
Normal and Silent mode (HSC),
Vcm(CAN) = –27V to +27V
0.4
0.7
1.1
V
Standby mode (WUC),
Vcm(CAN) = –27V to +27V (Note 1)
Differential Receiver
Hysteresis Voltage
Vhys(RX)dif
50
120
200
mV
Normal and Silent mode (HSC),
Vcm(CAN) = –27V to +27V (Note 1)
Dominant Output Current
IIO(dom)
–75
—
–35
mA
VTXD = 0V, t < tto(dom)TXD,
VVCC = 5V
pin CANH, VCANH = –5V
35
—
75
mA
VTXD = 0V, t < tto(dom)TXD,
VVCC = 5V
pin CANL, VCANL = +40V
Recessive Output Current
IIO(rec)
–5
—
+5
mA
Normal and Silent mode,
VTXD = VVIO, no load,
VCANH = VCANL = –27V to +32V
Leakage Current
IIO(leak)
–5
0
+5
µA
VVCC = VVIO = 0V,
VCANH = VCANL = 5V
–5
0
+5
µA
VCC = VIO connected to GND
with R = 47kΩ
VCANH = VCANL = 5V (Note 3)
Input Resistance
Ri
9
15
28
kΩ
VCANH = VCANL = 4V
9
15
28
kΩ
–2V ≤ VCANH ≤ +7V,
–2V ≤ VCANL ≤ +7V (Note 3)
Input Resistance Deviation
ΔRi
–1
0
+1
%
Between CANH and CANL
VCANH = VCANL = 4V (Note 1)
–1
0
+1
%
Between CANH and CANL
–2V ≤ VCANH ≤ +7V,
–2V ≤ VCANL ≤ +7V (Note 3)
Differential Input Resistance
Ri(dif)
18
30
56
kΩ
VCANH = VCANL = 4V (Note 1)
18
30
56
kΩ
–2V ≤ VCANH ≤ +7V,
–2V ≤ VCANL ≤ +7V (Note 3)
Common-mode Input
Capacitance
Ci(cm)
—
—
20
pF
f = 500 kHz, CANH and CANL
referred to GND (
Note 3)
Differential Input Capacitance
Ci(dif)
—
—
10
pF
f = 500kHz, between CANH and
CANL (
Note 3)
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: The values below are valid for each of the two identical integrated CAN transceivers.
Grade 1: Tamb = -40°C to +125°C and Grade 0: Tamb = -40°C to +150°C; TvJ  170°C; VVCC = 4.5V to 5.5V; RL = 60Ω,
CL = 100 pF unless specified otherwise; all voltages are defined in relation to ground; positive currents flow into the IC.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: 100% correlation tested
2: Characterized on samples
3: Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com