Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4680 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC4680
Description  1A 200 kHz SuperSwitcher??Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4680 Datasheet(HTML) 5 Page - Microchip Technology

  MIC4680 Datasheet HTML 1Page - Microchip Technology MIC4680 Datasheet HTML 2Page - Microchip Technology MIC4680 Datasheet HTML 3Page - Microchip Technology MIC4680 Datasheet HTML 4Page - Microchip Technology MIC4680 Datasheet HTML 5Page - Microchip Technology MIC4680 Datasheet HTML 6Page - Microchip Technology MIC4680 Datasheet HTML 7Page - Microchip Technology MIC4680 Datasheet HTML 8Page - Microchip Technology MIC4680 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006623A-page 5
MIC4680
Shutdown Input Behavior
FIGURE 1-2:
Shutdown Hysteresis.
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Maximum Junction Temperature Range TJ(MAX)
–40
—
+125
°C
—
Operating Temperature Range
TJ
–40
—
+125
°C
—
Storage Temperature Range
TS
–65
—
+150
°C
—
Package Thermal Resistance
Thermal Resistance, SOIC 8-Lead
θJA
—
63
—
°C/W —
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum rating. Sustained junction temperatures above that maximum can impact device reliability.
OFF
ON
0.8V
1V
V
V
6
.
1
V
0
IN(max)
2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com