Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4680 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC4680
Description  1A 200 kHz SuperSwitcher??Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4680 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC4680 Datasheet HTML 6Page - Microchip Technology MIC4680 Datasheet HTML 7Page - Microchip Technology MIC4680 Datasheet HTML 8Page - Microchip Technology MIC4680 Datasheet HTML 9Page - Microchip Technology MIC4680 Datasheet HTML 10Page - Microchip Technology MIC4680 Datasheet HTML 11Page - Microchip Technology MIC4680 Datasheet HTML 12Page - Microchip Technology MIC4680 Datasheet HTML 13Page - Microchip Technology MIC4680 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MIC4680
DS20006623A-page 10
2021 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number Pin Name
Description
1
SHDN
Shutdown (Input): Logic low enables regulator. Logic high (>1.6V) shuts down regulator.
2
VIN
Supply Voltage (Input): Unregulated +4V to +34V supply voltage.
3
SW
Switch (Output): Emitter of NPN output switch. Connect to external storage inductor and
Schottky diode.
4
FB
Feedback (Input): Connect to output on fixed output voltage versions, or to 1.23V tap of
voltage-divider network for adjustable version.
5, 6, 7, 8
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com