Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P468LBQ Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P468LBQ
Description  8-BIT Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P468LBQ Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P468LBQ Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P468LBQ Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P468LBQ Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P468LBQ Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P468LBQ Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P468LBQ Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P468LBQ Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P468LBQ Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P468LBQ Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
EM78P468L
8-BIT Microcontroller
Product Specification (V1.0) 03.15.2006
• 17
(This specification is subject to change without further notice)
CNT1EN = “1” :
Enable Counter 1. Count operation start.
4.1.14
RD/SBPCR (System, Booster and PLL Control Register)
(Address: 0Dh)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
--
CLK2
CLK1
CLK0
IDLE
BF1
BF0
CPUS
Bit 7:
Not used
Bit 6 ~ 4 (CLK2 ~ CLK0):
main clock selection bits for PLL mode (code option select)
CLK2
CLK1
CLK0
Main clock
Example Fs=32.768K
0
0
0
Fs*130
4.26 MHz
0
0
1
Fs*65
2.13 MHz
0
1
0
Fs*65/2
1.065 MHz
0
1
1
Fs*65/4
532 KHz
1
X
X
Fs*244
8 MHz
Bit 3 (IDLE) :
idle mode enable bit. This bit will decide the intended mode of the SLEP
instruction.
IDLE=”0”+SLEP instruction => sleep mode
IDLE=”1”+SLEP instruction => idle mode
* NOP instruction must be added after SLEP instruction.
Example : IDLE mode : IDLE bit = “1” +SLEP instruction + NOP instruction
SLEEP mode : IDLE bit = “0” +SLEP instruction + NOP instruction
Bit 2,1 (BF1, 0): LCD booster frequency select bit to adjust VLCD 2,3 driving.
BF1
BF0
Booster frequency
0
0
Fs
0
1
Fs/4
1
0
Fs/8
1
1
Fs/16
Bit 0 (CPUS):
CPU oscillator source select, When CPUS=0, the CPU oscillator select
sub-oscillator and the main oscillator is stopped.
CPUS = “0”:
sub-oscillator (Fs)
CPUS = “1”:
main oscillator (Fm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com