Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P468LBQ Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P468LBQ
Description  8-BIT Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P468LBQ Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P468LBQ Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P468LBQ Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P468LBQ Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P468LBQ Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P468LBQ Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P468LBQ Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P468LBQ Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P468LBQ Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P468LBQ Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
EM78P468L
8-BIT Microcontroller
Product Specification (V1.0) 03.15.2006
• 9
(This specification is subject to change without further notice)
Table 1 (b) Pin Description for Package of QFP44 and LQFP44
PIN
PIN number
I/O type
Description
VDD
18
I
* Power supply pin
GND
15
I
* System ground pin
R-OSCI
16
I
* In crystal mode: crystal input
* In RC mode: resistor pull high.
* In PLL mode: connect 0.01μF capacitance to GND
* Connect 0.01μF capacitor to GND and code option
select PLL mode when high oscillator is not use.
OSCO
17
O
* In crystal mode: crystal output
* In RC mode: instruction clock output
Xin
19
I
* In crystal mode:Input pin for sub-oscillator. Connect to a
32.768KHz crystal
* RC mode: this pin is connected with a resistor to high
level.
Xout
20
O
* In crystal: Connect to a 32.768KHz crystal
* In RC mode: instruction clock output
/RESET
14
I
* Low active. If set as /RESET and remains at logic low
* the devices will be reset
P5.4/INT0
21
I/O
* General purpose I/O pin. /external interrupt.
* INT0 interruption source can be set to falling or rising
edge by IOC71 register bit 7 (INT_EDGE).
* Wake up from sleep mode and idle mode when the pin
status changes.
P5.5/INT1
22
I/O
* General purpose I/O pin. /external interrupt.
* Interruption source is a falling edge signal.
* Wake up from sleep mode and idle mode when the pin
status changes.
P5.6/TCC
23
I/O
* General purpose I/O/ external counter input
* This pin works in normal/green/idle mode.
P5.7/IROUT
24
I/O
* General purpose I/O pin or IR/PWM mode output pin,
* Capable of sinking 20mA/5V.
P6.0
~
P6.7
25~32
I/O
* General purpose I/O pin.
* Pull-high, pull-low and open drain function support.
* All pins can wake up from sleep and idle modes when
the pin status changes.
COM3~0
6~9
O
* LCD common output pin.
SEG11~SEG14
5~2
O
* LCD segment output pin.
SEG16/P7.0
SEG17/P7.1
~
SEG23/P7.7
1
44
~
38
O/(I/O)
* LCD segment output pin. Can be shared with general
purposes I/O pin
SEG24/P8.0
~
SEG31/P8.4
37
~
33
O/(I/O)
* LCD segment output pin. Can be shared with general
I/O pin
* For general purpose I/O use, can wake up from sleep
mode and idle mode when the pin status changes.
* For general purposes I/O use, supports pull-high
function.
VB
10
O
* Connect capacitors for LCD bias voltage
VA
11
O
* Connect capacitors for LCD bias voltage
VLCD2
12
O
* One of LCD bias voltage
VLCD3
13
O
* One of LCD bias voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com