Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-15164 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-15164
Description  SparkFun Qwiic OpenLog
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15164 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-15164 Datasheet HTML 1Page - SparkFun Electronics DEV-15164 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
SparkFun Qwiic OpenLog
DEV-15164
The SparkFun Qwiic OpenLog is the smarter and better looking cousin to the extremely popular
OpenLog but now we’ve ported the original serial based interface to I2C! Thanks to the added Qwiic
connectors, you can daisy chain multiple I2C devices and log them all without taking up your serial
port. The Qwiic OpenLog can store, or “log”, huge amounts of serial data and act as a black box of
sorts to store all the data that your project generates, for scientific or debugging purposes. Utilizing
our handy Qwiic system, no soldering is required to connect it to the rest of your system. However,
we still have broken out 0.1"-spaced pins in case you prefer to use a breadboard.
Like its predecessor, the SparkFun Qwiic OpenLog runs off of an onboard ATmega328, running at
16MHz thanks to the onboard resonator. The ATmega328 has been sure to feature the Optiboot
bootloader loaded, which allows the OpenLog to be compatible with the “Arduino Uno” board setting
in the Arduino IDE. It is important to be aware that the Qwiic OpenLog draws approximately 2mA-
6mA in idle (nothing to record) mode, however, during a full record the OpenLog can draw 20mA to
23mA depending on the microSD card being used.


Similar Part No. - DEV-15164

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-15162 SPARKFUN-DEV-15162 Datasheet
177Kb / 3P
SparkFun gator:bit v2.0 - micro:bit Carrier Board
2??1??9
DEV-15165 SPARKFUN-DEV-15165 Datasheet
2Mb / 3P
SparkFun Qwiic MP3 Trigger
2????9
More results

Similar Description - DEV-15164

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
BOB-15931 SPARKFUN-BOB-15931 Datasheet
253Kb / 2P
SparkFun Qwiic Button Breakout
1??9??0
DEV-13955 SPARKFUN-DEV-13955 Datasheet
233Kb / 2P
SparkFun OpenLog with Headers
1??9??0
DEV-14495 SPARKFUN-DEV-14495 Datasheet
149Kb / 1P
SparkFun Qwiic Adapter
12-4-17
DEV-15123 SPARKFUN-DEV-15123 Datasheet
181Kb / 3P
SparkFun RedBoard Qwiic
1??1??9
DEV-15165 SPARKFUN-DEV-15165 Datasheet
2Mb / 3P
SparkFun Qwiic MP3 Trigger
2????9
KIT-15349 SPARKFUN-KIT-15349 Datasheet
208Kb / 2P
SparkFun Qwiic Pro Kit
11??2??9
KIT-16262 SPARKFUN-KIT-16262 Datasheet
205Kb / 2P
SparkFun Qwiic Ideation Kit
4??3??0
ROB-15451 SPARKFUN-ROB-15451 Datasheet
206Kb / 3P
SparkFun Qwiic Motor Driver
9??4??9
SEN-15191 SPARKFUN-SEN-15191 Datasheet
2Mb / 2P
SparkFun RFID Qwiic Reader
3??8??9
SEN-15242 SPARKFUN-SEN-15242 Datasheet
156Kb / 2P
SparkFun Qwiic Scale - NAU7802
4??7??9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com