Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-15164 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-15164
Description  SparkFun Qwiic OpenLog
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15164 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-15164 Datasheet HTML 1Page - SparkFun Electronics DEV-15164 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Qwiic OpenLog also supports clock stretching, which means it performs even better than the
original and will record data up to 20,000 bytes per second at 400kHz. As the receive buffer fills up
this OpenLog will hold the clock line, letting the master know that it is busy. Once the Qwiic OpenLog
is finished with a task, it releases the clock thus allowing the data to continue flowing without
corruption.
Note: The SparkFun Qwiic OpenLog supports 64MB to 32GB microSD cards in both FAT16 and
FAT32 formats.
The SparkFun Qwiic Connect System is an ecosystem of I2C sensors, actuators, shields and cables
that make prototyping faster and less prone to error. All Qwiic-enabled boards use a common 1mm
pitch, 4-pin JST connector. This reduces the amount of required PCB space, and polarized
connections mean you can’t hook it up wrong.
 
 
                                          https://www.sparkfun.com/products/15164/2‐11‐19 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com