Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-15165 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-15165
Description  SparkFun Qwiic MP3 Trigger
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15165 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-15165 Datasheet HTML 1Page - SparkFun Electronics DEV-15165 Datasheet HTML 2Page - SparkFun Electronics DEV-15165 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
SparkFun Qwiic MP3 Trigger
DEV-15165
Sometimes you just need an MP3 to play. Whether it’s a theme song as you enter the room or a
power song when you are working out. The SparkFun Qwiic MP3 Trigger takes care of all the
necessary requirements, all you need to do is send a simple I2C command and listen to whatever is
on your micro SD card. Utilizing our handy Qwiic system, no soldering is required to connect it to the
rest of your system. However, we still have broken out 0.1"-spaced pins in case you prefer to use a
breadboard.
When a USB-C cable is connected to the Qwiic MP3 Trigger the contents of the microSD card
appears as a jump drive. Simply plug in the Qwiic MP3 Trigger and you’ll be transferring MP3s, no
need for drivers and no need for WAV or Vorbis conversion! Sound output is provided via a 3.5mm
headphone jack or poke-home connector allowing an external speaker to be connected without
soldering. Your supplied speaker is boosted by a Class-D mono amplifier capable of outputting up to
1.4W making it capable of being incredibly loud! Volume is software selectable between 32 levels
while equalization can be tuned to be sure your classical hits sound different from your jazz dance
routines. If you don’t want to deal with any programming, there are four trigger pins. When pin 3 is
pulled low the T003.mp3 file will immediately be played. This allows you to start playing sound
effects with the touch of a button! By pulling multiple pins down simultaneously the four triggers can
play up to ten tracks: T001 to T010.
All settings including volume, EQ, and I2C address are stored in NVM and loaded at each power up.
The I2C address of the Qwiic MP3 Trigger can be modified via a solder jumper or be assigned using
a software command. Multiple Qwiic MP3 Triggers can be chained together on a single bus allowing
for simultaneous track mixing and triggering.


Similar Part No. - DEV-15165

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-15162 SPARKFUN-DEV-15162 Datasheet
177Kb / 3P
SparkFun gator:bit v2.0 - micro:bit Carrier Board
2??1??9
DEV-15164 SPARKFUN-DEV-15164 Datasheet
206Kb / 2P
SparkFun Qwiic OpenLog
2??1??9
More results

Similar Description - DEV-15165

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
BOB-15931 SPARKFUN-BOB-15931 Datasheet
253Kb / 2P
SparkFun Qwiic Button Breakout
1??9??0
DEV-14495 SPARKFUN-DEV-14495 Datasheet
149Kb / 1P
SparkFun Qwiic Adapter
12-4-17
DEV-15123 SPARKFUN-DEV-15123 Datasheet
181Kb / 3P
SparkFun RedBoard Qwiic
1??1??9
DEV-15164 SPARKFUN-DEV-15164 Datasheet
206Kb / 2P
SparkFun Qwiic OpenLog
2??1??9
KIT-15349 SPARKFUN-KIT-15349 Datasheet
208Kb / 2P
SparkFun Qwiic Pro Kit
11??2??9
KIT-16262 SPARKFUN-KIT-16262 Datasheet
205Kb / 2P
SparkFun Qwiic Ideation Kit
4??3??0
LCD-14532 SPARKFUN-LCD-14532 Datasheet
168Kb / 2P
SparkFun Micro OLED Breakout (Qwiic)
1??2??8
ROB-15451 SPARKFUN-ROB-15451 Datasheet
206Kb / 3P
SparkFun Qwiic Motor Driver
9??4??9
SEN-15191 SPARKFUN-SEN-15191 Datasheet
2Mb / 2P
SparkFun RFID Qwiic Reader
3??8??9
SEN-15242 SPARKFUN-SEN-15242 Datasheet
156Kb / 2P
SparkFun Qwiic Scale - NAU7802
4??7??9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com