Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-15165 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-15165
Description  SparkFun Qwiic MP3 Trigger
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15165 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-15165 Datasheet HTML 1Page - SparkFun Electronics DEV-15165 Datasheet HTML 2Page - SparkFun Electronics DEV-15165 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
We’ve written an extensive Arduino library to make MP3 playing over I2C a breeze. Play tracks,
change volume, play next/previous, check if track is playing, stop play, change EQ, and change I2C
address are all supported.
The SparkFun Qwiic Connect System is an ecosystem of I2C sensors, actuators, shields and cables
that make prototyping faster and less prone to error. All Qwiic-enabled boards use a common 1mm
pitch, 4-pin JST connector. This reduces the amount of required PCB space, and polarized
connections mean you can’t hook it up wrong.
FEATURES
Operating voltage: 3.3V
Current consumption:
o
40mA standy
o
40mA when playing over headphones at any volume level
o
150mA-300mA when driving external 8Ω speaker at full volume setting
microSD supports 128MB to 32GB cards
Volume, EQ setting, and I2C address settings stored in non-volatile memory and loaded at
each power-on
WT2003S MP3 decoder IC provides USB access to microSD socket (up to 32GB) and MP3
decoding
ATtiny84 receives I2C commands and controls the MP3 decoder
Poke-home connector allows for sturdy but temporary speaker connection without soldering
Trigger pins 1, 2, 3, and 4. When pins 1+4 are pulled low simultaneously T005.mp3 will play
Built-in TPA2005D1 based 1.4W Class-D mono amplifier
Address jumper to select between I2C address 0x37 (default) and 0x38. I2C address is also
configurable via software to one of 110 different addresses.
USB-C Connector
Qwiic Connector
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com