Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-16996 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-16996
Description  Teensy 4.1 (Headers)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-16996 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-16996 Datasheet HTML 1Page - SparkFun Electronics DEV-16996 Datasheet HTML 2Page - SparkFun Electronics DEV-16996 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
Teensy 4.1 (Headers)
DEV-16996
The Teensy 4.1 is the newest
iteration of the astoundingly popular
development platform that features
an ARM Cortex-M7 processor at
600MHz, with a NXP iMXRT1062
chip, four times larger flash memory
than the 4.0, and two new locations
to optionally add more memory.
The Teensy 4.1 is the same size
and shape as the Teensy 3.6 (2.4in
by 0.7in), and provides greater I/O
capability, including an ethernet
PHY, SD card socket, and USB
host port. The best part of this
version of Teensy 4.1 is that it
includes headers already attached.
No soldering is required allowing
you to get started as quickly as possible!
When running at 600 MHz, the Teensy 4.1 consumes approximately 100mA current and provides
support for dynamic clock scaling. Unlike traditional microcontrollers, where changing the clock
speed causes wrong baud rates and other issues, Teensy 4.1 hardware and Teensyduino's software
support for Arduino timing functions are designed to allow dynamically speed changes. Serial baud
rates, audio streaming sample rates, and Arduino functions like delay() and millis(), and
Teensyduino's extensions like IntervalTimer and elapsedMillis, continue to work properly while the
CPU changes speed. Teensy 4.1 also provides a power shut off feature. By connecting a pushbutton
to the On/Off pin, the 3.3V power supply can be completely disabled by holding the button for five
seconds, and turned back on by a brief button press. If a coin cell is connected to VBAT, Teensy
4.1's RTC also continues to keep track of date & time while the power is off. Teensy 4.1 also can
also be overclocked, well beyond 600MHz!
The ARM Cortex-M7 brings many powerful CPU features to a true real-time microcontroller platform.
The Cortex-M7 is a dual-issue superscaler processor, meaning the M7 can execute two instructions
per clock cycle, at 600MHz! Of course, executing two simultaneously depends upon the compiler
ordering instructions and registers. Initial benchmarks have shown C++ code compiled by Arduino
tends to achieve two instructions about 40% to 50% of the time while performing numerically
intensive work using integers and pointers. The Cortex-M7 is the first ARM microcontroller to use
branch prediction. On M4, loops and other code which much branch take three clock cycles. With
M7, after a loop has executed a few times, the branch prediction removes that overhead, allowing
the branch instruction to run in only a single clock cycle.


Similar Part No. - DEV-16996

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-16129 SPARKFUN-DEV-16129 Datasheet
177Kb / 2P
SparkFun controller:bit - micro:bit Carrier Board
4????0
DEV-16156 SPARKFUN-DEV-16156 Datasheet
173Kb / 3P
SparkFun Sensor Kit
1??6??0
DEV-16267 SPARKFUN-DEV-16267 Datasheet
190Kb / 2P
GreatFET One
1??9??0
DEV-16524 SPARKFUN-DEV-16524 Datasheet
214Kb / 2P
Alchitry Br Prototype Element Board
9????0
DEV-16525 SPARKFUN-DEV-16525 Datasheet
202Kb / 2P
Alchitry Io Element Board
9????0
More results

Similar Description - DEV-16996

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13995 SPARKFUN-DEV-13995 Datasheet
105Kb / 2P
Teensy Prop Shield
DEV-11781 SPARKFUN-DEV-11781 Datasheet
102Kb / 1P
Teensy 2.0
10/22/2015
DEV-13305 SPARKFUN-DEV-13305 Datasheet
110Kb / 2P
Teensy LC
10/22/2015
DEV-13736 SPARKFUN-DEV-13736 Datasheet
110Kb / 2P
Teensy 3.2
10/22/2015
DEV-14055 SPARKFUN-DEV-14055 Datasheet
87Kb / 2P
Teensy 3.5
DEV-14057 SPARKFUN-DEV-14057 Datasheet
84Kb / 2P
Teensy 3.6
DEV-14058 SPARKFUN-DEV-14058 Datasheet
95Kb / 2P
Teensy 3.6 (Headers)
DEV-15583 SPARKFUN-DEV-15583 Datasheet
167Kb / 3P
Teensy 4.0
8??3??9
DEV-16771 SPARKFUN-DEV-16771 Datasheet
927Kb / 3P
Teensy 4.1
5??8??0
DEV-14056 SPARKFUN-DEV-14056 Datasheet
118Kb / 2P
Teensy 3.5 (Headers)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com