Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEV-16996 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-16996
Description  Teensy 4.1 (Headers)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-16996 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-16996 Datasheet HTML 1Page - SparkFun Electronics DEV-16996 Datasheet HTML 2Page - SparkFun Electronics DEV-16996 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tightly Coupled Memory is a special feature which allows Cortex-M7 fast single cycle access to
memory using a pair of 64 bit wide buses. The ITCM bus provides a 64 bit path to fetch instructions.
The DTCM bus is actually a pair of 32 bit paths, allowing M7 to perform up to two separate memory
accesses in the same cycle. These extremely high speed buses are separate from M7's main AXI
bus, which accesses other memory and peripherals. 512 of memory can be accessed as tightly
coupled memory. Teensyduino automatically allocates your Arduino sketch code into ITCM and all
non-malloc memory use to the fast DTCM, unless you add extra keywords to override the optimized
default. Memory not accessed on the tightly coupled buses is optimized for DMA access by
peripherals. Because the bulk of M7's memory access is done on the two tightly coupled buses,
powerful DMA-based peripherals have excellent access to the non-TCM memory for highly efficient
I/O.
Teensy 4.1's Cortex-M7 processor includes a floating point unit (FPU) which supports both 64 bit
"double" and 32 bit "float". With M4's FPU on Teensy 3.5 & 3.6, and also Atmel SAMD51 chips, only
32 bit float is hardware accelerated. Any use of double, double functions like log(), sin(), cos() means
slow software implemented math. Teensy 4.1 executes all of these with FPU hardware.
FEATURES
ARM Cortex-M7 at 600MHz
1024K RAM (512K is tightly coupled)
8 Mbyte Flash (64K reserved for recovery & EEPROM emulation)
USB Host Port
2 chips Plus Program Memory
55 Total I/O Pins
3 CAN Bus (1 with CAN FD)
2 I2S Digital Audio
1 S/PDIF Digital Audio
1 SDIO (4 bit) native SD
3 SPI, all with 16 word FIFO
7 Bottom SMT Pad Signals
8 Serial ports
32 general purpose DMA channels
35 PWM pins
42 Breadboard Friendly I/O
18 analog inputs
Cryptographic Acceleration
Random Number Generator
RTC for date/time
Programmable FlexIO
Pixel Processing Pipeline
Peripheral cross triggering
10 / 100 Mbit DP83825 PHY (6 pins)
microSD Card Socket
Power On/Off management
Pre-soldered Male Headers
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com