Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM65101AF Datasheet(PDF) 32 Page - ELAN Microelectronics Corp

Part # EM65101AF
Description  128COM/160SEG 16 Gray Scale Level LCD Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65101AF Datasheet(HTML) 32 Page - ELAN Microelectronics Corp

Back Button EM65101AF Datasheet HTML 28Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 29Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 30Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 31Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 32Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 33Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 34Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 35Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 36Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
EM65101
128COM/160SEG 16 Gray Scale Level LCD Driver
26
•
Product Specification (V0.4) 08.15.2005
(This specification is subject to change without further notice)
Boosted 3 times
Boosted 2 times
VDD
VEE
VBA
VREF
CAP5+
CAP3+
CAP3-
CAP2-
CAP2+
CAP4+
CAP1+
CAP1-
V2X
VOUT
V0
V1
V2
V3
V4
C1
vss
VDD
C1
C1
vss
C1
C1
C1
C1
C1
C1
CVREF
VDD
VEE
VBA
VREF
CAP5+
CAP3+
CAP3-
CAP2-
CAP2+
CAP4+
CAP1+
CAP1-
V2X
VOUT
V0
V1
V2
V3
V4
C1
vss
VDD
C1
vss
C1
C1
C1
C1
C1
C1
CVREF
Figure 7-12b
Internal Power Capacitor Connections Application Circuits
(Voltage Boosted 3 and 2 Times)
NOTE
1. Recommended values for C1 is 1uF, and for CVREF is 0.1uF.
2. To attain a stable voltage, it is recommended that you use VREF to connect a
capacitor across CVREF and VSS.
4. Use of capacitor type X5R is recommended for C1 and CVREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com