Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM65101AF Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM65101AF
Description  128COM/160SEG 16 Gray Scale Level LCD Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65101AF Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM65101AF Datasheet HTML 35Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 36Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 37Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 38Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 39Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 40Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 41Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 42Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
EM65101
128COM/160SEG 16 Gray Scale Level LCD Driver
Product Specification (V0.4) 08.15.2005
• 33
(This specification is subject to change without further notice)
7.14 Partial Display Function
The EM65101 has a partial display function, which can display a part of graphic display
area. This function is used to set lower bias ratio, lower boost step, and lower LCD
drive voltage. When setting the partial display function, the EM65101 consumes less
power. The Partial display function is suitable for clock indication or calendar indication
when portable equipment is on stand-by.
ELAN
LCD DRIVER
Low Power and
Low Voltage
LCD DRIVER
Normal Display
Partial Display
Figure 7-16 Partial Display Block Diagram
When using the partial display function, it is necessary to follow the sequence shown
below.
Any display condition
Display off (ON/OFF= "0")
Power circuit off (DCON= "0", AMPON= "0")
WAIT
Setting Power Function
* Boost step set
* Electronic volume set
* Bias Ratio set
Power circuit on (DCON= "1", AMPON= "1")
WAIT
Setting Display Function
* Duty Ratio set
* Display start common
Display on (ON/OFF= "1")
Partial Display
Figure 7-17 Partial Display Function Sequential Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com