Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3B44 Datasheet(PDF) 4 Page - Analog Devices

Part # 3B44
Description  Isolated AC Sine Wave Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B44 Datasheet(HTML) 4 Page - Analog Devices

  3B44 Datasheet HTML 1Page - Analog Devices 3B44 Datasheet HTML 2Page - Analog Devices 3B44 Datasheet HTML 3Page - Analog Devices 3B44 Datasheet HTML 4Page - Analog Devices 3B44 Datasheet HTML 5Page - Analog Devices 3B44 Datasheet HTML 6Page - Analog Devices 3B44 Datasheet HTML 7Page - Analog Devices 3B44 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3B42 / 3B43 / 3B44
Rev. 0 | Page 4 of 8
Input Bias Current
+1 nA
+5 nA
+3 nA
Input Resistance
100 M
Ω
250 k
Ω
1 M
Ω
Noise
Input, 0.1 Hz to 10 Hz Bandwidth
5 µV rms
*
*
Output, Ripple and Noise
50 µV rms
*
*
Bandwidth, -3 dB
3 Hz
*
*
Output Rise Time, 10% to 90% Span
200 ms
*
*
Common-Mode Voltage (CMV)
Input-to-Output, Continuous
±1500 V peak, maximum
*
*
Transient
ANSI/IEEE C37.90.1-1989
*
*
Common Mode Rejection (CMR)
1 k
Ω Source Imbalance, 50/60 Hz
100 dB
*
*
Input Protection
Continuous
220 V rms, maximum
*
550 V rms, continous
Transient
ANSI/IEEE C37.90.1-1989
*
*
Voltage Output Protection
Continuous Short to Ground
*
*
Current Output Protection
130 V rms, continuous
*
*
Power Supply Voltages 5
±15 V dc Supplies
Rated Operation
±(11.5 V dc to 16.5 V dc)
*
*
Current
±10 mA
*
*
Sensitivity
±0.01% span/V
*
*
+24 V dc Loop Supply
Rated Operation
+12 V dc to +30 V dc
*
*
Current
+27 mA @ lout = 20 mA
*
*
Sensitivity
±0.0002% span/V
*
*
Mechanical Dimensions
3.15" x 3.395" x 0.775"
(80.0 mm x 86.2 mm x 19mm)
*
*
Environmental
Temperature Range
Rated Performance
-25°C to +85°C
*
*
Storage
-55°C to +85°C
*
*
Relative Humidity, 24 hours
0 to 95% @ +60°C non-
condensing
*
*
RFI Susceptibility
±0.5% Span error @ 400 MHz,
5 Watt, 3 ft
*
*
* Specifications same as model 3B42.
1 For a 0 to 20 mA range, a typical minimum output current is 10 µA.
2 Includes the combined effects of repeatability, hysteresis, and nonlinearity.
3 With respect to the voltage output.
4 A wide range of custom zero suppression and span is available with Models 3B42-00, 3B43-00 and 3B44-00, using the AC1310 ranging card.
5 +24 V dc loop power is required for driving the current output at loads up to 850
Ω. If a current output load of 400Ω or less is applied, +15 V dc is sufficient for loop power. If only
voltage output is used, loop power is not required.
Specifications subject to change without notice. .Bottom of Form



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com