Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3B44 Datasheet(PDF) 3 Page - Analog Devices

Part # 3B44
Description  Isolated AC Sine Wave Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

3B44 Datasheet(HTML) 3 Page - Analog Devices

  3B44 Datasheet HTML 1Page - Analog Devices 3B44 Datasheet HTML 2Page - Analog Devices 3B44 Datasheet HTML 3Page - Analog Devices 3B44 Datasheet HTML 4Page - Analog Devices 3B44 Datasheet HTML 5Page - Analog Devices 3B44 Datasheet HTML 6Page - Analog Devices 3B44 Datasheet HTML 7Page - Analog Devices 3B44 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3B42 / 3B43 / 3B44
Rev. 0 | Page 3 of 8
3B42, 3B43 and 3B44 Models Available
Model
Input Range
Output Ranges1
3B42-00
Externally Programmable2
0 V to +10 V & 0 mA to 20 mA
3B42-01
0 mV to +50 mV rms
0 V to +10 V & 0 mA to 20 mA
3B42-02
0 mV to +100 mV rms
0 V to +10 V & 0 mA to 20 mA
3B42-Custom
*
*
Model
Input Range
Output Ranges1
3B43-00
Externally Programmable2
0 V to +10 V & 0 mA to 20 mA
3B43-01
0 V to +10 V rms
0 V to +10 V & 0 mA to 20 mA
3B43-Custom
*
*
Model
Input Range
Output Ranges1
3B44-00
Externally Programmable2
0 V to +10 V & 0 mA to 20 mA
3B44-01
0 V to +150 V rms
0 V to +10 V & 0 mA to 20 mA
3B44-02
0 V to +250 V rms
0 V to +10 V & 0 mA to 20 mA
3B44-Custom
*
*
1 Output current range may be user programmed to 4 mA to 20 mA using jumper supplied.
2 Requires AC1310 ranging card.
* Custom Input/Output ranges are available. Refer to configuration guide.
3B42, 3B43 and 3B44 Specifications
(typical @ +25°C and ±15 V dc, and +24 V dc Power)
Description
Model 3B42
Model 3B43
Model 3B44
Input Ranges
Standard Ranges, 50 Hz to 400 Hz
Refer to Model Table
Refer to Model Table
Refer to Model Table
Custom Ranges, 50 Hz to 400 Hz
20 mV rms to 1 V rms
1 V rms to 50 V rms
50 V rms to 550 V rms
Output Ranges
Voltage (RL > 2 kΩ)
0 V to +10 V
*
*
Current (RL + 0 to 850 Ω)
1
4 mA to 20 mA or 0 mA to 20 mA
*
*
Accuracy2
Initial @ +25°C
±0.05% Span
*
*
Nonlinearity
±0.02% Span
*
*
Stability vs. Temperature
Voltage Output
Zero
±0.005% of Span/°C
*
*
Span
±0.005% of Reading/°C
*
*
Current Output3
Zero
±25 ppm of Span/°C
*
*
Span
±25 ppm of Reading/°C
*
*
Zero and Span Adjustment Range4
±5% of Span
*
*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com