Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRT-08376 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # PRT-08376
Description  SparkFun Breadboard Power Supply USB -
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

PRT-08376 Datasheet(HTML) 1 Page - SparkFun Electronics

  PRT-08376 Datasheet HTML 1Page - SparkFun Electronics PRT-08376 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SparkFun Breadboard Power Supply USB -
5V/3.3V
PRT-08 376 ROH S
Description: A very simple breadboard power supply kit that takes power from any
USB port and outputs a fuse protected and regulated 3.3V. The .1" headers are
mounted on the bottom of the PCB for simple insertion into a breadboard. Pins
labeled 5V/GND 3.3V/GND plug directly into the power lines.
When you plug this board into a breadboard you must be aware that the unused
power and ground pins will short if they are inserted into a bread board row. To avoid
this problem, orient the board so that the unused power pins are left off the side of the
breadboard. You can also orient the board sideways and utilize both 5V and 3.3V at
the same time.
USB v2.0 specifies a max of 500mA at 5V. The on-board fuse limits the current to
500mA. Board has a handy On/Off switch.
Comes as a bag of parts kit and is easily assembled if you can follow the silkscreen
indicators and have beginning experience with a soldering iron. You will need to read
the resistor bands or use a multimeter to determine the resistor sizes.
Check out our Unregulated Power Supply Tutorial!
Kit Contains:
Page 1 of 2


Similar Part No. - PRT-08376

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-08022 SPARKFUN-PRT-08022 Datasheet
96Kb / 1P
Hook-up Wire - Black (22 AWG)
3/28/2017
PRT-08023 SPARKFUN-PRT-08023 Datasheet
95Kb / 1P
Hook-up Wire - Red (22 AWG)
3/28/2017
PRT-08024 SPARKFUN-PRT-08024 Datasheet
96Kb / 1P
Hook-up Wire - Yellow (22 AWG)
3/28/2017
PRT-08025 SPARKFUN-PRT-08025 Datasheet
95Kb / 1P
Hook-up Wire - Gray (22 AWG)
3/28/2017
PRT-08026 SPARKFUN-PRT-08026 Datasheet
94Kb / 1P
Hook-up Wire - White (22 AWG)
3/28/2017
More results

Similar Description - PRT-08376

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
BOB-12731 SPARKFUN-BOB-12731 Datasheet
109Kb / 1P
SparkFun USB to Serial Breakout
BOB-15100 SPARKFUN-BOB-15100 Datasheet
2Mb / 3P
SparkFun USB-C Breakout
12????8
CAB-12016 SPARKFUN-CAB-12016 Datasheet
99Kb / 1P
SparkFun Cerberus USB Cable - 6ft
10/20/2015
DEV-12924 SPARKFUN-DEV-12924 Datasheet
90Kb / 1P
SparkFun MicroView - USB Programmer
4/16/2015
PRT-12070 SPARKFUN-PRT-12070 Datasheet
100Kb / 1P
SparkFun Solder-able Breadboard
4/16/2015
PRT-12702 SPARKFUN-PRT-12702 Datasheet
101Kb / 1P
SparkFun Solder-able Breadboard - Mini
4/16/2015
PRT-13032 SPARKFUN-PRT-13032 Datasheet
99Kb / 1P
SparkFun Breadboard Power Supply Stick - 5V/3.3V
4/16/2015
PRT-13157 SPARKFUN-PRT-13157 Datasheet
99Kb / 1P
SparkFun Breadboard Power Supply Stick - 3.3V/1.8V
4/16/2015
SEN-09963 SPARKFUN-SEN-09963 Datasheet
129Kb / 1P
SparkFun RFID USB Reader
6??0??7
WRL-11812 SPARKFUN-WRL-11812 Datasheet
114Kb / 1P
SparkFun XBee Explorer USB
11/17/2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com