Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRT-08376 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # PRT-08376
Description  SparkFun Breadboard Power Supply USB -
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

PRT-08376 Datasheet(HTML) 2 Page - SparkFun Electronics

  PRT-08376 Datasheet HTML 1Page - SparkFun Electronics PRT-08376 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• USB type B connector
• TO-220 Voltage Regulator (LM317 1.5A max current)
• PTC Resettable Fuse
• 100uF 35V Capacitor
• 10uF 25V Capacitor
• 0.1uF 50V Capacitor
• Power LED
• SPDT Slide Switch
• 4pcs 0.1" Header Pins
• 330 Resistor 1/6W
• 390 Resistor 1/6W
• 240 Resistor 1/6W
• Bare PCB with Silkscreen Indicators
Page 2 of 2
8/5/2016
https://www.sparkfun.com/products/8376



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com