Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4213 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4213
Description  No RSENSE??Electronic Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4213 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4213 Datasheet HTML 8Page - Analog Devices LTC4213 Datasheet HTML 9Page - Analog Devices LTC4213 Datasheet HTML 10Page - Analog Devices LTC4213 Datasheet HTML 11Page - Analog Devices LTC4213 Datasheet HTML 12Page - Analog Devices LTC4213 Datasheet HTML 13Page - Analog Devices LTC4213 Datasheet HTML 14Page - Analog Devices LTC4213 Datasheet HTML 15Page - Analog Devices LTC4213 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LTC4213
12
Rev. A
For more information www.analog.com
ILIMIT(MAX) =
VCB(MAX)
RDS(ON)(MIN)
(5)
Most MOSFET data sheets have an RDS(ON) specification
with typical and maximum values but no minimum value.
Assuming a normal distribution with typical as mean, the
minimum value can be estimated as:
RDS(ON)(MIN) = 2•RDS(ON)(NOM) −RDS(ON)(MAX)
(6)
The LTC4213 gives higher gate drive than the manufac-
turer specified gate drive for RDS(ON) This gives a slightly
lower RDS(ON) than specified. Operating temperature also
modulates the RDS(ON) value.
Example Current Limit Calculation
An Si4410DY is used for current detection in a 5V
supply system with the LTC4213 VCB at 25mV (ISEL
pin grounded).
The RDS(ON) distribution for the Si4410DY is:
Typical RDS(ON) = 0.015Ω = 100%
Maximum RDS(ON) = 0.02Ω = 133.3%
Estimated MIN RDS(ON) = 2 • 15 – 20 = 0.010Ω = 66.7%
The RDS(ON) variation due to gate drive is:
RDS(ON) @ 4.5VGS = 0.015Ω = 100% (spec. TYP)
RDS(ON) @ 4.8VGS = 0.014Ω = 93% (MIN ∆VGSMAX)
RDS(ON) @ 7VGS = 0.0123Ω = 82% (NOM ∆VGSMAX)
RDS(ON) @ 8VGS = 0.012Ω = 80% (MAX ∆VGSMAX)
APPLICATIONS INFORMATION
Figure 2. Short Circuit Fault Timing Diagram
A
B
CB TRIPS
∆VSENSE
VGATE
VCB
>VCB
VREADY
CIRCUIT BREAKER TRIPS
GATE AND READY PINS PULL LOW
SHORT CIRCUIT
tFAULT
4213 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com