Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4213 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4213
Description  No RSENSE??Electronic Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4213 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4213 Datasheet HTML 12Page - Analog Devices LTC4213 Datasheet HTML 13Page - Analog Devices LTC4213 Datasheet HTML 14Page - Analog Devices LTC4213 Datasheet HTML 15Page - Analog Devices LTC4213 Datasheet HTML 16Page - Analog Devices LTC4213 Datasheet HTML 17Page - Analog Devices LTC4213 Datasheet HTML 18Page - Analog Devices LTC4213 Datasheet HTML 19Page - Analog Devices LTC4213 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LTC4213
16
Rev. A
For more information www.analog.com
Load Supply Power-Up Before VCC
Referring back to Figure 1, the VIN load supply can also
be powered up before VCC. Figure 5 shows the timing
diagram with the VIN load supply active initially. An inter-
nal circuit ensures that the GATE pin is held low. At time
point 1, VCC clears UVLO and at time point 2, ON clears
0.8V. 60µs later at time point 3, the GATE is ramped up
with 100µA. At time point 4, GATE reaches the external
MOSFET threshold VTH and VOUT starts to ramp up. At
time point 5, VSENSEN is near its peak. At time point 6, the
circuit breaker is armed and the circuit breaker can trip if
∆VSENSE > VCB. At time point 7, the GATE voltage peaks.
50µs after time point 6, READY goes HIGH.
Start-up Problems
There is no current limit monitoring during output
charging for the Figure 5 power-up sequence where the
load supply is powered up before VCC. This is because
the GATE voltage is below ∆VGSARM and the MOSFET
may not reach the specified RDS(ON). The VIN load sup-
ply should have sufficient capability to handle the inrush
as the output charges up. For proper startup, the final
APPLICATIONS INFORMATION
Figure 5. Load Supply Power-Up Before VCC
VON > 0.8V
Vth
0
1
2
3
4
5
6
7
8
VCC, VON
CIRCUIT BREAKER ARMS
READY SIGNALS
VREADY
VSENSEN
VSENSEP
RESET MODE
NORMAL CYCLE
tREADY
STARTUP CYCLE
tDEBOUNCE
VGATE
4213 F05
VSENSEP – VSENSEN = VCB
VGATE MAXES OUT
VCC > 2.07V
∆VGSARM + VSENSEN
∆VGSMAX + VSENSEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com