Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8580 Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
WM8580
Product Preview
w
PP Rev 1.0 March 2006
52
PHASE-LOCKED LOOPS AND S/PDIF CLOCKING (HARDWARE MODE)
In hardware mode, the user has no access to the internal clocking control registers and hence a
default configuration is loaded at reset to provide maximum functionality.
The S/PDIF receiver is enabled and hence the PLLs operate in S/PDIF receiver mode and all PLL
and S/PDIF receiver control is fully automatic. All supported S/PDIF receiver sample rates can be
used.
FREQMODE_x and POSTSCALE_x control is fully automatic to ensure that the MCLK output is
maintained at 256fs relative to the S/PDIF received sample rate.
In hardware mode, the OSCCLK must be 12MHz and hence the external crystal (or applied XIN
clock) must be 12MHz. No other OSCCLK frequencies are supported in hardware mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com