Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 58 Page - Texas Instruments

Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 58 Page - Texas Instruments

Back Button LP8733_V03 Datasheet HTML 54Page - Texas Instruments LP8733_V03 Datasheet HTML 55Page - Texas Instruments LP8733_V03 Datasheet HTML 56Page - Texas Instruments LP8733_V03 Datasheet HTML 57Page - Texas Instruments LP8733_V03 Datasheet HTML 58Page - Texas Instruments LP8733_V03 Datasheet HTML 59Page - Texas Instruments LP8733_V03 Datasheet HTML 60Page - Texas Instruments LP8733_V03 Datasheet HTML 61Page - Texas Instruments LP8733_V03 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
Table 7-73. TOP_MASK_1 Register Field Descriptions (continued)
Bits
Field
Type
Default
Description
4
SYNC_CLK
_MASK
R/W
X
Masking for the external clock detection interrupt (SYNC_CLK_INT in INT_TOP_1
register):
0 - Interrupt is generated.
1 - Interrupt is not generated.
This bit does not affect the SYNC_CLK_STAT status bit in the TOP_STAT register.
3
Reserved - do not
use
R/W
0
2
TDIE_WARN
_MASK
R/W
X
Masking for the thermal warning interrupt (TDIE_WARN_INT in INT_TOP_1 register):
0 - Interrupt is generated.
1 - Interrupt is not generated.
This bit does not affect the TDIE_WARN_STAT status bit in the TOP_STAT register.
1
Reserved - do not
use
R/W
0
0
I_MEAS
_MASK
R/W
X
Masking for the load current measurement ready interrupt (MEAS_INT in INT_TOP_1
register):
0 - Interrupt is generated.
1 - Interrupt is not generated.
7.6.1.34 TOP_MASK_2
TOP_MASK_2 is shown in Table 7-75, Address: 0x21
Table 7-74. TOP_MASK_2 Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do not use
RESET_REG
_MASK
Table 7-75. TOP_MASK_2 Register Field Descriptions
Bits
Field
Type
Default
Description
7:1
Reserved - do not
use
R/W
000 0000
0
RESET_REG
_MASK
R/W
X
Masking for register reset interrupt (RESET_REG_INT in INT_TOP_2 register):
0 - Interrupt is generated.
1 - Interrupt is not generated.
This change of this bit by I2C writing has no effect because it will be read from OTP
memory during reset.
7.6.1.35 BUCK_MASK
BUCK_MASK is shown in Table 7-77, Address: 0x22
Table 7-76. BUCK_MASK Register
D7
D6
D5
D4
D3
D2
D1
D0
BUCK1_PGF
_MASK
BUCK1_PGR
_MASK
Reserved - do
not use
BUCK1_ILIM
_MASK
BUCK0_PGF
_MASK
BUCK0_PGR
_MASK
Reserved - do
not use
BUCK0_ILIM
_MASK
Table 7-77. BUCK_MASK Register Field Descriptions
Bits
Field
Type
Default
Description
7
BUCK1_PGF_MAS
K
R/W
X
Masking of the Power Good invalid detection for the Buck1 power good interrupt
(BUCK1_PG_INT in INT_BUCK register):
0 - Interrupt is generated.
1 - Interrupt is not generated.
This bit does not affect the BUCK1_PG_STAT status bit in the BUCK_STAT register.
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
www.ti.com
58
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com