Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 21 Page - Texas Instruments

Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP8733_V03 Datasheet HTML 17Page - Texas Instruments LP8733_V03 Datasheet HTML 18Page - Texas Instruments LP8733_V03 Datasheet HTML 19Page - Texas Instruments LP8733_V03 Datasheet HTML 20Page - Texas Instruments LP8733_V03 Datasheet HTML 21Page - Texas Instruments LP8733_V03 Datasheet HTML 22Page - Texas Instruments LP8733_V03 Datasheet HTML 23Page - Texas Instruments LP8733_V03 Datasheet HTML 24Page - Texas Instruments LP8733_V03 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
The LP8733xx device can be configured to give out an interrupt (the I_MEAS_INT bit in the INT_TOP_1 register)
after the load current measurement sequence is finished. The load current measurement interrupt can be
masked with the I_MEAS_MASK bit (TOP_MASK_1 register). The measurement result can be read from the
registers I_LOAD_1 and I_LOAD_2. The register I_LOAD_1 bits BUCK_LOAD_CURRENT[7:0] gives out the
LSB bits, and the register I_LOAD_2 bit BUCK_LOAD_CURRENT[8] gives out the MSB bit. The measurement
result BUCK_LOAD_CURRENT[8:0] LSB is 20 mA, and the maximum code value of the measurement
corresponds to 10.22 A. In dual-phase configuration, the measured current is the total value of the master
and slave phases.
7.3.1.6 Spread-Spectrum Mode
Systems with periodic switching signals may generate a large amount of switching noise in a set of narrowband
frequencies (the switching frequency and its harmonics). The usual solution to reduce noise coupling is to add
EMI-filters and shields to the boards. The LP8733xx has a register-selectable spread-spectrum mode which
minimizes the need for output filters, ferrite beads, or chokes. In spread spectrum mode, the switching frequency
varies around the center frequency, reducing the EMI emissions radiated by the converter and associated
passive components and PCB traces (see Figure 7-4). Spread-spectrum mode is only available when an internal
RC oscillator is used (EN_PLL bit is 0 in PLL_CTRL register), it is enabled with the EN_SPREAD_SPEC bit in
the CONFIG register, and it affects both buck cores.
Frequency
Where a fixed frequency converter exhibits large amounts of spectral energy at the switching frequency, the spread spectrum
architecture of the LP8733xx spreads that energy over a large bandwidth.
Figure 7-4. Spread-Spectrum Modulation
7.3.2 Sync Clock Functionality
The LP8733xx device contains a CLKIN input to synchronize the switching clock of the buck regulators with
the external clock. The block diagram of the clocking and PLL module is shown in Figure 7-5. Depending on
the EN_PLL bit in the PLL_CTRL register and the external clock availability, the external clock is selected and
interrupt is generated as shown in Table 7-2. The interrupt can be masked with the SYNC_CLK_MASK bit in
the TOP_MASK_1 register. The nominal frequency of the external input clock is set by the EXT_CLK_FREQ[4:0]
bits in the PLL_CTRL register, and it can be from 1 MHz to 24 MHz with 1-MHz steps. The external clock must
be inside accuracy limits (–30%/+10%) of the selected frequency for valid clock detection.
The SYNC_CLK_INT interrupt in the INT_TOP_1 register is also generated in cases where the external clock
is expected but is not available. These cases occur when EN_PLL is 1 during start-up (read OTP-to-standby
transition) and during Buck regulator enable (standby-to-active transition).
www.ti.com
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com