Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS2113-1-V/G4 Datasheet(PDF) 23 Page - Microchip Technology

Part # UCS2113-1-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-1-V/G4 Datasheet(HTML) 23 Page - Microchip Technology

Back Button UCS2113-1-V/G4 Datasheet HTML 19Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 20Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 21Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 22Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 23Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 24Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 25Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 26Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 23
UCS2113
Figure 6-1 shows operation of current limits in Trip
mode with the shaded area representing the USB 2.0
specified VBUS range. Dashed lines indicate the port
power switch output will go to zero (e.g., Trip) when
ILIM is exceeded. Note that operation at all possible
values of ILIM are shown in Figure 6-1 for illustrative
purposes only; in actual operation only one ILIM can be
active at any time.
FIGURE 6-1:
Current Limiting in Trip Mode.
6.1.4.2
Constant Current Limiting (Variable
Slope)
Constant current limiting is used when the current
drawn is greater than ILIM (and ILIM < 1.6A). In CC
mode, the port power switch allows the attached
portable device to reduce VBUS output voltage to less
than the input VS voltage while maintaining current
delivery. The V/I slope depends on the user set ILIM
value. This slope is held constant for a given ILIM
value.
This mode is specifically provided for devices that rely
on resistive means to reduce VBUS voltage for direct
battery charging or to allow portable devices a means
to “test” charger capacity. See Figure 6-2.
FIGURE 6-2:
Constant Current Example.
Figure 6-3 shows operation of current limits while
using CC mode. Unlike Trip mode, once IBUS current
exceeds ILIM, operation continues at a reduced voltage
and increased current. Note that the shaded area rep-
resenting the USB 2.0 specified VBUS range is now
restricted to an upper current limit of IBUS_R2MIN. Note
that the UCS2113 will heat up along each load line as
voltage decreases. If the internal temperature exceeds
the TTSD_LOW threshold, the corresponding power
switch operating in constant current mode will open. If
the internal temperature exceeds the TTSD_HIGH
threshold, both power switches will open, regardless
of whether the power switch channels are in current
limit. Also note that when the VBUS voltage is brought
low enough (below VBUS_MIN), the port power switch
will open.
FIGURE 6-3:
Current Limiting in CC Mode.
6.2
USB Port Power Profiles
The UCS2113 combines the qualities of traditional
USB port power switches with USB port power profiles
set forth in the USB-IF BC1.2 specification. USB port
power profiles consist of distinct voltage-current
operation
regions
defined
by
“keep-out”
and
“operation” regions.
While operating in the CC mode of operation, the
UCS2113 provides voltage-current output operating
profiles that are specified by two keep-out regions.
If the current reaches the IBUS_R2MIN setting for longer
than tMASK, the UCS2113 enters the Error state and an
Overcurrent event is flagged.
If the VBUS voltage ever goes below the no operation
lower-voltage keep-out (VBUS_MIN) value for longer
than tMASK, the port power switch is disabled and a
5
4
3
2
1
0.53
1.07
1.6
2.67
3.2
5.25
4.75
IBUS (Amps)
Operating
Current
0
0
0.96
1.28
1.28
1.07
0.96
0.53
1.6
3.2
2.13
2.67
= ILIM’s
2.13
Power Switch Voltage and Current
Output go to Zero when ILIM is
Exceeded
Trip action
(ILIM = 0.53 A)
Trip action
(ILIM = 3.2 A)
ILIM (Amps)
Control Loop
Temp
VS
GND
ILIM
Power
Switch
DC
5V
Battery
Charger
IC
VBAT
RSense
IBUS
Portable Device
VBUS << VS
UCS 2112
5
4
3
2
1
0.53
1.6
2.67
3.2
5.25
4.75
0
0
0.96
1.28
1.28
0.96
0.53
1.6
IBUS_R2MIN
2.13
2.13
2.67
3.2
IBUS (Amps)
ILIM (Amps)
= ILIM’s
Constant resistance
IBUS operation line 1
(ILIM = 0.53 A)
Constant resistance
IBUS operation line 4
(ILIM = 1.6 A)
CC Mode - Power switch current increases as voltage decreases
when ILIM is exceeded following constant resistance lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com