Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS2113-1-V/G4 Datasheet(PDF) 16 Page - Microchip Technology

Part # UCS2113-1-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-1-V/G4 Datasheet(HTML) 16 Page - Microchip Technology

Back Button UCS2113-1-V/G4 Datasheet HTML 12Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 13Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 14Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 15Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 16Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 17Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 18Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 19Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
UCS2113
DS20005680B-page 16
 2016-2021 Microchip Technology Inc. and its subsidiaries
4.0
TERMS AND ABBREVIATIONS
Note:
The PWR_EN1 and PWR_EN2 pins each have configuration bits (“<pin name>_S” in General
Configuration 1 register (Address 11h) and General Configuration 2 register (Address 12h)) that may be
used to perform the same function as the external pin state. These bits are accessed via the SMBus/I2C
and are OR’d with the respective pin. This OR’d combination of pin state and register bit is referenced as
the <pin name> control.
TABLE 4-1:
TERMS AND ABBREVIATIONS
Term/Abbreviation
Description
CC
Constant Current
Current Limiting
Mode
Determines the action that is performed when the IBUS current reaches the ILIM threshold. Trip
opens the port power switch. Constant Current (variable slope) allows VBUS to be dropped by
the portable device.
IBUS_R2MIN
Current limiter mode boundary
ILIM
The IBUS current threshold used in current limiting. In Trip mode, when ILIM is reached, the
port power switch is opened. In Constant Current mode, when the current exceeds ILIM,
operation continues at a reduced voltage and increased current; if VBUS voltage drops below
VBUS_MIN, the port power switch is opened.
OCL
Overcurrent limit
POR
Power-on Reset
Portable Device
USB device attached to the USB port
Stand-Alone Mode
Indicates that the communications protocol is not active and all communications between the
UCS2113 and a controller are done via the external pins only (PWR_EN1 and PWR_EN2 as
inputs, and ALERT1# and ALERT2# as outputs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com