Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACS164245SWC Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # UT54ACS164245SWC
Description  RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS164245SWC Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button UT54ACS164245SWC Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 10Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
AC ELECTRICAL CHARACTERISTICS 1 (Port B = 5 Volt, Port A = 3.3 Volt)
(VDD1 = 5V ±10%; VDD2 = 3.00V to 3.6V, -55°C < TC < +125 °C) (TC = -55 °°C to +125 °°C for "C" screening and -40°°C to +125°°C for "W" screening
Notes:
1. All specifications valid for radiation dose
≤ 1E5 rad(Si) per MIL-STD-883, Method 1019.
2. DIRx to bus times are guaranteed by design, but not tested. OEx to bus times are tested.
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
t
PLH
Propagation delay Data to Bus
1
20
ns
tPHL
Propagation delay Data to Bus
1
20
ns
tPZL
Output enable time OEx to Bus
1
18
ns
t
PZH
Output enable time OEx to Bus
1
18
ns
tPLZ
Output disable time OEx to Bus high impedance
1
20
ns
t
PHZ
Output disable time OEx to Bus high impedance
1
20
ns
tPZL
2
Output enable time DIRx to Bus
1
18
ns
tPZH
2
Output enable time DIRx to Bus
1
18
ns
tPLZ
2
Output disable time DIRx to Bus high impedance
1
20
ns
t
PHZ
2
Output disable time DIRx to Bus high impedance
1
20
ns
tPLZ
tPZH
tPZL
tPHL
tPHZ
Propagation Delay
Input
Output
VDD
VDD/2
0V
tPLH
VOH
VOL
VDD/2
Control Input
5V Output
Normally Low
Enable Disable Times
5V Output
Normally High
VDD
VDD/2
0V
VDD/2
VDD/2
.8VDD
.2VDD
VDD/2+0.2
VDD/2-0.2
.2V
DD + .2V
.8VDD - .2V
tPLZ
tPZH
tPZL
tPHZ
3.3V Output
Normally Low
3.3V Output
Normally High
VDD/2
VDD/2
.7VDD
.2VDD
V
DD/2+0.2
V
DD /2-0.2
.2VDD + .2V
.7VDD - .2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com