Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACS164245SWC Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACS164245SWC
Description  RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS164245SWC Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACS164245SWC Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
UT54ACS164245S
RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
Datasheet
April , 2002
FEATURES
• Voltage translation
- 5V bus to 3.3V bus
- 3.3V bus to 5V bus
• Cold sparing
- 1M
Ω minimum input impedance power-off
• 0.6µm Commercial RadHardTM CMOS
- Total dose: 100K rad(Si)
- Single Event Latchup immune
• High speed, low power consumption
• Schmitt trigger inputs to filter noisy signals
• Available QML Q or V processes
• Standard Microcircuit Drawing 5962-98580
• Package:
- 48-lead flatpack, 25 mil pitch (.390 x .640)
DESCRIPTION
The 16-bit wide UT54ACS164245S MultiPurpose transceiver
is built using UTMC’s Commercial RadHardTM epitaxial
CMOS technology and is ideal for space applications. This high
speed, low power UT54ACS164245S transceiver is designed to
perform multiple functions including: asynchronous two-way
communication, signal buffering, voltage translation, and cold
sparing. With V
DD equal to zero volts, the UT54ACS164245S
outputs and inputs present a minimum impedance of 1M
Ω mak-
ing it ideal for "cold spare" applications. Balanced outputs and
low "on" output impedance make the UT54ACS164245S well
suited for driving high capacitance loads and low impedance
backplanes. The UT54ACS164245S enables system designers
to interface 3.3 volt CMOS compatible components with 5 volt
CMOS components. For voltage translation, the A port inter-
faces with the 3.3 volt bus; the B port interfaces with the 5 volt
bus. The direction control (DIRx) controls the direction of data
flow. The output enable (OEx) overrides the direction control
and disables both ports. These signals can be driven from either
port A or B. The direction and output enable controls operate
these devices as either two independent 8-bit transceivers or one
16-bit transceiver.
LOGIC SYMBOL
PIN DESCRIPTION
FUNCTION TABLE
Pin Names
Description
OE x
Output Enable Input (Active Low)
DIRx
Direction Control Inputs
xAx
Side A Inputs or 3-State Outputs (3.3V Port)
xBx
Side B Inputs or 3-State Outputs (5V Port)
ENABLE
OE x
DIRECTION
DIRx
OPERATION
L
L
B Data To A Bus
L
H
A Data To B Bus
H
X
Isolation
(48)
OE1
G2
(47)
1A1
(46)
1A2
(44)
(2)
1B1
(5)
(3)
1B2
1A3
(43)
1A4
(41)
1A5
(40)
1A6
1B3
(9)
1B6
(8)
1B5
(6)
1B4
(38)
1A7
(37)
1A8
(12)
1B8
(11)
1B7
(1)
DIR1
1EN1 (BA)
1EN2 (AB)
11
12
(25)
OE2
G1
(24)
DIR2
21
22
(36)
2A1
2B1
(13)
(35)
2A2
(33)
2A3
(32)
2A4
(30)
2A5
(29)
2A6
(27)
2A7
(26)
2A8
(16)
2B2
2B3
(20)
2B6
(19)
2B5
(17)
2B4
(23)
2B8
(22)
2B7
(14)
2EN1 (BA)
2EN2 (AB)


Similar Part No. - UT54ACS164245SWC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS164245SEI AEROFLEX-UT54ACS164245SEI Datasheet
153Kb / 16P
Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
UT54ACS164245SEIUCC AEROFLEX-UT54ACS164245SEIUCC Datasheet
153Kb / 16P
Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
UT54ACS164245SEIUPC AEROFLEX-UT54ACS164245SEIUPC Datasheet
153Kb / 16P
Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
UT54ACS164245SEIUWC AEROFLEX-UT54ACS164245SEIUWC Datasheet
153Kb / 16P
Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
More results

Similar Description - UT54ACS164245SWC

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
logo
Integrated Device Techn...
74FCT16245TPV IDT-74FCT16245TPV Datasheet
90Kb / 7P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
logo
Aeroflex Circuit Techno...
UT54ACS162245SLV AEROFLEX-UT54ACS162245SLV Datasheet
215Kb / 13P
Schmitt CMOS 16-bit Bidirectional MultiPurpose Low Voltage Transceiver
UT54ACS164245SEI AEROFLEX-UT54ACS164245SEI Datasheet
153Kb / 16P
Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
UT54ACS164646S AEROFLEX-UT54ACS164646S Datasheet
170Kb / 19P
Schmitt CMOS 16-bit Bidirectional MultiPurpose Registered Transceiver
UT54ACTQ16245 AEROFLEX-UT54ACTQ16245 Datasheet
150Kb / 12P
RadHard CMOS 16-bit Bidirectional Transceiver, TTL Inputs, and Three-State Outputs
logo
Renesas Technology Corp
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162H245AT RENESAS-IDT74FCT162H245AT Datasheet
269Kb / 7P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com