Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8131 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC8131
Description  2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8131 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC8131 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 3
11/9/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8131
2.488 Gbit/sec
32:1 SONET/SDH Mux with Clock Generator
G52249-0, Rev. 3.0
High Speed Data Output
The high speed data will be multiplexed in the sequence D0, D1 up to D31 with D0 being transmitted first.
The high speed data output driver consists of a differential pair designed to drive a 50
Ω transmission line. The
transmission line should be terminated with a 100
Ω resistor at the load between the true and complement out-
puts, refer to Figure 2. No connection to a termination voltage is required. The output driver is back terminated
to 50
Ω on-chip, providing snubbing of any reflections. If used single-ended, the high speed output driver must
still be terminated differentially at the load with a 100
Ω resistor between the true and complement output sig-
nals.
High Speed Clock Output
The high speed clock output driver consists of a differential pair designed to drive a 50
Ω transmission line.
The transmission line should be terminated with a 100
Ω resistor at the load between the true and complement
output, refer to Figure 2. No connection to a termination voltage is required. The output driver is back termi-
nated to 50
Ω on-chip, providing a snubbing of any reflections. If used single-ended, the high speed output
driver must still be terminated differentially at the load with a 100
Ω resistor between the true and complement
output signals.
Figure 2: Termination for High Speed Clock and Data Output Drivers
VCC
VEE
Z0 = 50Ω
50
Ω
100
Ω
50
Ω
Pre-Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com