Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP114 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 28Page - Texas Instruments TMP114 Datasheet HTML 29Page - Texas Instruments TMP114 Datasheet HTML 30Page - Texas Instruments TMP114 Datasheet HTML 31Page - Texas Instruments TMP114 Datasheet HTML 32Page - Texas Instruments TMP114 Datasheet HTML 33Page - Texas Instruments TMP114 Datasheet HTML 34Page - Texas Instruments TMP114 Datasheet HTML 35Page - Texas Instruments TMP114 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Table 8-8. Alert_Status Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
THigh_Flag
RC
0h
High temperature flag indicator. This indicates that the latest
temperature conversion has cross above the THigh_Limit
register threshold or crossed below the THigh_Limit -
THigh_Hyst threshold. Reading Alert_Status register will clear
this bit.
0h = The most recent temperature conversion has not crossed
the THigh_Limit or the hysteresis threshold.
1h: A temperature conversion crossed the THigh_Limit or
crossed below the THigh_Limit - THigh_Hyst threshold. Once
the THigh_Flag is set, THigh_Flag will not be set again until a
temperature conversion is below THigh_Limit - THigh_Hyst
1
TLow_Flag
RC
0h
Low temperature flag indicator. This indicates that the latest
temperature conversion has cross below the TLow_Limit
register threshold or crossed above the Tlow_Limit + TLow_Hyst
threshold. Reading Alert_Status register will clear this bit.
0h = The most recent temperature conversion has not crossed
the TLow_Limit or the hysteresis threshold.
1h: A temperature conversion crossed below the TLow_Limit.
Once the TLow_Flag is set, TLow_Flag will not be set again until
temperature conversion is above TLow_Limit + TLow_Hyst
0
Data_Ready_Flag
RC
0h
Data Ready flag indicator. This indicates a new temperature
conversion result is available. This bit is only cleared by reading
the Alert_Status register .
0h = Data_Ready_Flag has been cleared since the last
temperature conversion
1h = Data in Temp_Result is new
8.6.4 Configuration Register (Address = 03h) [reset = 0004h]
This register is used to configuration the operation of the TMP114.
Return to Register Map.
Figure 8-23. Configuration Register
15
14
13
12
11
10
9
8
Reserved
ADC_Conv_Time[1:0]
Reset
R-00h
RW-0h
R/W-0h
7
6
5
4
3
2
1
0
AVG
CRC_En
Reserved
OS
Mode
Conv_Period[2:0]
R/W-0h
R/W-0h
R-0h
R/W-0h
R/W-0h
R/W-4h
Table 8-9. Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
15:8
Reserved
R
00h
Reserved
10:9
ADC_Conv_Time[1:0]
R/W
0h
ADC Conversion Time setting. This bit field changes the ADC
conversion time and resolution of the TMP114. If the averaging
time is longer than the conversion period setting the minimum
cycle time will be the averaging time.
0h = 6.4 ms
1h = 3.5 ms
2h = 2.0 ms
3h = 1.2 ms
TMP114
SNIS214A – JUNE 2021 – REVISED SEPTEMBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com