Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP114 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 9Page - Texas Instruments TMP114 Datasheet HTML 10Page - Texas Instruments TMP114 Datasheet HTML 11Page - Texas Instruments TMP114 Datasheet HTML 12Page - Texas Instruments TMP114 Datasheet HTML 13Page - Texas Instruments TMP114 Datasheet HTML 14Page - Texas Instruments TMP114 Datasheet HTML 15Page - Texas Instruments TMP114 Datasheet HTML 16Page - Texas Instruments TMP114 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
8.3 Feature Description
8.3.1 1.2 V Compatible Logic Inputs
The TMP114 features static input thresholds on the SCL and SDA pins independent of supply voltage. This
allows the TMP114 to work with a 1.2 V or 1.8 V I2C bus at any supported supply voltage.
8.3.2 Cyclic Redundancy Check (CRC)
The TMP114 implements an optional CRC function to improve data integrity and communication robustness
using an 8-bit polynomial that is checked during communication. By default the feature is disabled and can be
enabled by setting the CRC_EN bit in the Configuration register.
When enabled, the CRC function starts with the seed value of FFh at every start or repeated start condition on
the bus and computes one CRC value. After transmitting or receiving a CRC value the TMP114, the next CRC
will have the seed value reset to FFh.
When the TMP114 operates in target receive mode or during a write bus transaction, the CRC byte covers the
device address, pointer address, and received data bytes. If the device detects a CRC error on the byte, it
shall set the CRC_flag status bit in the Alert_Status register. If the CRC byte is not present, the transaction is
discarded and the CRC flag is not set.
When the TMP114 operates in target transmit mode or during a read bus transaction, the CRC byte covers the
device address and the sent data bytes.
8.3.3 Temperature Limits
TMP114 includes an on-board temperature limit warning. At the end of every completed conversion, the TMP114
compares the result against the limits stored in the low limit register and the high limit register. When the
results exceed the THigh_Limit register value, the THigh_Status and THigh_Flag bits are set. Upon read, the
THigh_Flag will clear but the THigh_Status bit will remain set. After the measured temperature crosses below
the THigh_Limit - THigh_Hyst value, the THigh_Status bit will clear and the THigh_Flag bit is set again to
indicate a change in the temperature with respect to the limits.
If the controller is unable to read the Temp_Result register for a prolonged period of time, the flag bits can be
used to determine if a thermal limit was crossed during that time. The flag bits will only clear after a successful
Alert_Status register read, therefore the high and low flags can help determine if the system crossed the
thermal limit before an I2C read could be performed. The Status bits will automatically update with changing
Temp_Result values. Figure 8-1 depicts this behavior.
www.ti.com
TMP114
SNIS214A – JUNE 2021 – REVISED SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com