Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7100APWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100APWPR
Description  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100APWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button UCD7100APWPR Datasheet HTML 12Page - Texas Instruments UCD7100APWPR Datasheet HTML 13Page - Texas Instruments UCD7100APWPR Datasheet HTML 14Page - Texas Instruments UCD7100APWPR Datasheet HTML 15Page - Texas Instruments UCD7100APWPR Datasheet HTML 16Page - Texas Instruments UCD7100APWPR Datasheet HTML 17Page - Texas Instruments UCD7100APWPR Datasheet HTML 18Page - Texas Instruments UCD7100APWPR Datasheet HTML 19Page - Texas Instruments UCD7100APWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
10.2.2 Detailed Design Procedure
The cycle-by-cycle current protection is implemented by connecting the current sense signal to the CS pin.
When the CS level is greater than the ILIM voltage minus 25 mV, the output of the driver is forced low and the
current limit flag (CLF) is set high. The CLF signal is latched high until the UCD7K device receives the next rising
edge on the IN pin.
(6)
(7)
The current limit threshold can be set to any value between 0.25 V and 1.0 V, so Rsense must be between 0.045
Ω and 0.195 Ω. For example, if Rsense is 0.15 Ω, then VILIM must be 0.775 V to protect input current at 5 A. If
the digital controller has an internal digital-to-analog converter, then it can generate 0.775 V and connect to ILIM
directly. For a digital controller without an internal digital-to-analog converter, it can generate a PWM signal, send
the PWM signal through a low pass filter, then connect to the ILIM pin. Assuming the magnitude of the PWM
pulse is 3.3 V, then the duty cycle is:
(8)
10.2.3 Application Curve
t − Time − 40 ns/div
Figure 10-2. Output Rise and Fall Time (VDD = 12 V, CLOAD = 10 NF)
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com