Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7100APWPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100APWPR
Description  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100APWPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button UCD7100APWPR Datasheet HTML 15Page - Texas Instruments UCD7100APWPR Datasheet HTML 16Page - Texas Instruments UCD7100APWPR Datasheet HTML 17Page - Texas Instruments UCD7100APWPR Datasheet HTML 18Page - Texas Instruments UCD7100APWPR Datasheet HTML 19Page - Texas Instruments UCD7100APWPR Datasheet HTML 20Page - Texas Instruments UCD7100APWPR Datasheet HTML 21Page - Texas Instruments UCD7100APWPR Datasheet HTML 22Page - Texas Instruments UCD7100APWPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
14
UCD9501
Digital
1
12
8
PVDD
OUT
CS
10
PGND
3
4
2
5
6
3V3
AGND
IN
CLF
ILIM
7
UCD7100PWP
VOUT
VDS
CS
FB
CS
VDS
COMMUNICATION
(Programming & Status Reporting)
Bias
Supply
11
OUT
9
PGND
13
PVDD
VDD
NC
Signal
Conditioning
Amplifier
~
~
+
−
VAC
PFC_ISENSE
Signal
Conditioning
Amplifier
Controller
Figure 12-2. PFC Boost Front-End Power Supply
12.3 Thermal Considerations
The useful range of a driver is greatly affected by the drive power requirements of the load and the thermal
characteristics of the device package. In order for a power driver to be useful over a particular temperature range
the package must allow for the efficient removal of the heat produced while keeping the junction temperature
within rated limits. The UCD7K family of drivers is available in PowerPAD™ TSSOP package to cover a range
of application requirements. Both have the exposed pads to relieve thermal dissipation from the semiconductor
junction.
As illustrated in Reference [2], the PowerPAD™ packages offer a leadframe die pad that is exposed at the
base of the package. This pad is soldered to the copper on the PC board (PCB) directly underneath the device
package, reducing the ΘJC down to 4.7°C/W. The PC board must be designed with thermal lands and thermal
vias to complete the heat removal subsystem, as summarized in Reference [3].
Note that the PowerPAD™ is not directly connected to any leads of the package. However, it is electrically and
thermally connected to the substrate which is the ground of the device.
www.ti.com
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com