Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4411H Datasheet(PDF) 4 Page - FutureWafer Tech Co.,Ltd

Part # 2SC4411H
Description  NPN Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

2SC4411H Datasheet(HTML) 4 Page - FutureWafer Tech Co.,Ltd

  2SC4411H Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd 2SC4411H Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd 2SC4411H Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd 2SC4411H Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd 2SC4411H Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd 2SC4411H Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd 2SC4411H Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC4411H
NPN Power Transistors
Document No.: F51931S
24-NOV-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
4/7
3-4. Ratings and Characteristics Curve-Fig 3~8
Fig 3. Typical Base-Emitter Saturation Voltage
vs. Collector Current
Fig 6. Collector Current
vs. Collector Emitter Voltage
V CB, Base-Collector Voltage (V)
Fig 7. Collector Output Capacitance
Temperature (°C)
T A = -55°C
T A = +25°C
T A = +150°C
V CE = 5V
I C, Collector Current (mA)
V CE, Collector-Emitter Voltage (V)
Fig 8. Power Derating Curve
FR4 PCB,
Mounting Pad For 1cm2
Fig 4. Typical Base-Emitter Saturation Voltage
vs. Collector Current
T A = -55°C
T A = +25°C
T A = +150°C
V CE = 5V
I C, Collector Current (mA)
Fig 5. Transition Frequency
vs. Collector Current
I C, Collector Current (mA)
IB = 10mA
IB = 20mA
IB = 30mA
IB = 40mA
IB = 50mA
IB = 60mA
IB = 80mA
IB = 100mA
IB = 120mA
IB = 140mA
Ce
Cc
V CE = 2V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com