Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4411H Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # 2SC4411H
Description  NPN Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

2SC4411H Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  2SC4411H Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd 2SC4411H Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd 2SC4411H Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd 2SC4411H Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd 2SC4411H Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd 2SC4411H Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd 2SC4411H Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SC4411H
NPN Power Transistors
Document No.: F51931S
24-NOV-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
1/7
1. Synopsis
1-1. Feature List
●
BV CEO > 80V
●
I C = 8A High Collector Current
●
Low Collector Emitter Saturation Voltage
●
Fully Internally Isolated in a Surface Mount Package
1-2. Applications
●
Current Mirrors
●
Differential and Instrumentation Amplifiers
●
Comparators
●
Relay Replacement
1-3. Mechanical Characteristics
●
Molded JEDEC Package: TO252-3L
●
Packing: Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification: LEVEL 1
1-4. Device Characteristics
B
E
C
TO252-3L
B
C
E


Similar Part No. - 2SC4411H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4411 SANYO-2SC4411 Datasheet
84Kb / 3P
Very High-Definition CRT Display Video Output Applications???
More results

Similar Description - 2SC4411H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
NPN power transistors
1998 May 29
logo
Continental Device Indi...
BUF508F CDIL-BUF508F Datasheet
40Kb / 3P
NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
D42C ETC1-D42C Datasheet
312Kb / 4P
NPN POWER TRANSISTORS
logo
Unisonic Technologies
BD139 UTC-BD139 Datasheet
84Kb / 2P
NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BU508F TEL-BU508F Datasheet
59Kb / 2P
NPN POWER TRANSISTORS
logo
STMicroelectronics
BD241A STMICROELECTRONICS-BD241A_07 Datasheet
258Kb / 9P
NPN power transistors
10-Jul-2007
logo
New Jersey Semi-Conduct...
2N4115 NJSEMI-2N4115 Datasheet
143Kb / 1P
NPN POWER TRANSISTORS
2N4915 NJSEMI-2N4915 Datasheet
134Kb / 1P
NPN POWER TRANSISTORS
2N5329 NJSEMI-2N5329 Datasheet
179Kb / 1P
NPN POWER TRANSISTORS
DT44TD NJSEMI-DT44TD Datasheet
169Kb / 2P
NPN POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com