Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1730QL3 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SSD1730QL3
Description  SSD1730 MLA Power Chip CMOS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1730QL3 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SSD1730QL3 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SSD1730
Rev 2.0
04/2002
SOLOMON
9
9. Electrical Characteristics
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VDD_PWR Supply voltage range
(Absolute value referenced to VSS)
2.4
3.3
3.6
V
-V1
Row driver negative
supply voltage Range
(Absolute value referenced to VSS)
VEE+0.6
--
-V3
V
Istd
Standby Mode Supply
Current Drain at
VDD_PWR
VDD_PWR=2.4V to 3.6V, Display off
(XSLP=VIL).
--
2
5
µA
IDP1
Display Mode Supply
Current Drain at
VDD_PWR in 5X step-up
mode
VDD_PWR=2.7V, 5X step-up, LP
period=69
µs, LP width=1µs, Display on
(XSLP=VIH), No loading
--
270
380
µA
IDP2
Display Mode Supply
Current Drain at
VDD_PWR in 6X step-up
mode
VDD_PWR=2.7V, 6X step-up, LP
period=69
µs, LP width=1µs, Display on
(XSLP=VIH), No loading
--
350
480
µA
VDD_PWR
=2.7V
--
-12.25
--
V
VEE
Output voltage at VEE
pin
6X step-up, LP period=69
µs, LP
width=1
µs, Display on
(XSLP=VIH), Io=0.4mA (from
VSS)
VDD_PWR
=2.4V
--
-10.85
--
V
VDD_PWR
=2.7V
--
-V1+2.7
--
V
VDD_ROW
Output voltage at
VDD_ROW pin
6X step-up, LP period=69
µs, LP
width=1
µs, Display on
(XSLP=VIH), Io=0.02mA (to –
V1)
VDD_PWR
=2.4V
--
-V1+2.4
--
V
VDD_PWR
=2.7V
--
1.313
--
V
V2
Output voltage at V2 pin
6X step-up, LP period=69
µs, LP
width=1
µs, Display on
(XSLP=VIH), Io=2mA (to VSS)
VDD_PWR
=2.4V
--
1.16
--
V
VDD_PWR
=2.7V
--
-1.276
--
V
-V2
Output voltage at -V2 pin
6X step-up, LP period=69
µs, LP
width=1
µs, Display on
(XSLP=VIH), Io=2mA (from
VSS)
VDD_PWR
=2.4V
--
-1.134
--
V
VDD_PWR
=2.7V
--
-2.646
--
V
-V3
Output voltage at -V3 pin
6X step-up, LP period=69
µs, LP
width=1
µs, Display on
(XSLP=VIH), Io=1mA (from
VSS)
VDD_PWR
=2.4V
--
-2.352
--
V
VIH
VIL
Input High voltage at
pins: LP, XSLP, L0, L1,
L2, L3 and XTST
Input Low voltage at pins
: LP, XSLP, L0, L1, L2,
L3 and XTST
VDD_PWR = 2.4V - 3.6V
0.8*VDD_PWR
0
--
--
VDD_PWR
0.2*VDD_PWR
V
VOH
VOL
Output High Voltage at
pins : XBB, AB, FR and
XFR
Output Low Voltage at
pins : XBB, AB, FR and
XFR
VDD_PWR = 2.4V - 3.6V, Iout=-20
µA
VDD_PWR = 2.4V - 3.6V, Iout=-20
µA
VDD_PWR-0.1
0
--
--
VDD_PWR
0.1
V
Table 11 - Electrical characteristics (Voltage Referenced to VSS, TA=25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com