Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1730QL3 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SSD1730QL3
Description  SSD1730 MLA Power Chip CMOS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1730QL3 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SSD1730QL3 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1730QL3 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SOLOMON
Rev 2.0
04/2002
SSD1730
6
Pin Name
Type
Pin#
Description
-V1
I/O
1
This is the row driver negative voltage level power
supply voltage terminal. The –V1 is an input signal
to the contrast adjustment circuit this is used to
adjust the display contrast. Besides, this is the
power supply to the +V1 voltage generator control
circuit.
Table 6 - Pins for –V1 discharge circuit
Pin Name
Type
Pin#
Description
C1P
I/O
30
The positive-side connection terminal for a
capacitor C1 to generate -V3 output voltage. (Refer
to the application circuit)
C1N
I/O
23
The negative-side connection terminal for a
capacitor C1 to generate -V3 output voltage. (Refer
to the application circuit)
C2P
I/O
28
The positive-side connection terminal for a
capacitor C2 to generate -V3 output voltage. (Refer
to the application circuit)
C2N
I/O
24
The negative-side connection terminal for a
capacitor C2 to generate -V3 output voltage. (Refer
to the application circuit)
-V3
O
21, 27
This is -V3 output voltage, which is for the power
supply of segment driver.
C3P
I/O
35
The positive-side connection terminal for a
capacitor C3 to generate V2 output voltage. (Refer
to the application circuit)
C3N
I/O
32
The negative-side connection terminal for a
capacitor C3 to generate V2 output voltage. (Refer
to the application circuit)
V2
I/O
33
This is V2 output voltage which is for the power
supply of segment driver.
C4P
I/O
20
The positive-side connection terminal for a
capacitor C4 to generate -V2 output voltage. (Refer
to the application circuit)
C4N
I/O
18
The negative-side connection terminal for a
capacitor C4 to generate -V2 output voltage. (Refer
to the application circuit)
-V2
O
19
This is -V2 output voltage which is for the power
supply of segment driver.
Table 7 - Pins for column (segment) driver voltage generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com