Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HID2900TOP Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # HID2900TOP
Description  Terminal Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HID2900TOP Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  HID2900TOP Datasheet HTML 1Page - Pepperl+Fuchs Inc. HID2900TOP Datasheet HTML 2Page - Pepperl+Fuchs Inc. HID2900TOP Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HiD2900TOP
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com
Terminal Module
Switch position
Factory setting: pass-through
Configure the device in the following way:
• Push the red Quick Lok Bars on each side of the device in the upper position.
• Remove the device from Termination Board.
• Set the DIP switches according to the figure.
Configuration
Function
channel 1/channel 2
Switch
S1
S2
S3
S4
S5
S6
Pass-through
OFF
OFF
ON
OFF
ON
OFF
Input 4 mA ... 20 mA, output 1 V ... 5 V
OFF
OFF
ON
OFF
ON
ON
Power supply, output 4 mA ... 20 mA
ON
ON
OFF
ON
OFF
OFF
Power supply, output 1 V ... 5 V
ON
ON
OFF
ON
OFF
ON
Configuration
The pins for this device are trimmed to polarize it according to its safety parameter. Do not change!
For further information see system description.
CAU T I O N
Refer to the Instruction
Manual to install and
operate the unit
NOT IN USE
FOR THIS MODEL
Top Entry Terminal Block
(Only HiD/Top Model)
Ch. 1
Ch. 2
PASS THROUGH
FUNCTION
IN 4-20 mA OUT 1-5 V
12
OFF
IN Tx OUT 4-20 mA
IN Tx OUT 1-5 V
OFF
ON
ON
OFF
OFF
ON
ON
ON
ON
OFF
OFF
OFF
OFF
ON
ON
ON
ON
OFF
OFF
OFF
ON
OFF
ON
SWITCH
34
5
6
14
23



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com