Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HID2900TOP Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # HID2900TOP
Description  Terminal Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HID2900TOP Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  HID2900TOP Datasheet HTML 1Page - Pepperl+Fuchs Inc. HID2900TOP Datasheet HTML 2Page - Pepperl+Fuchs Inc. HID2900TOP Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Terminal Module
HiD2900TOP
< 2-channel
< 24 V DC supply (bus powered)
< Field circuit protected by fuse
Function
The device supports the pass-through of non-intrinsically safe signals from and to the control. The device uses the terminal block on the front side.
Each channel can be configured via DIP switches for the pass-through of the input signal or the output signal. At the same time, the field device
can be supplied via the power supply of the termination board.
The device has an internal resistor. Use this resistance, if you want to convert a 0 mA ... 20 mA signal to a 0 V ... 5 V signal. Choose this function
via DIP switches.
This device mounts on a HiD Termination Board.
Connection
HiD2900Top
Termination Board
1
11
14
+
-
1+
2-
3+
4-
SL1
8a
7a
2
12
15
+
-
10a
9a
2a, 2b
1a, 1b
24 V DC
-
+
V
mA
I
P
Tx
V
mA
I
P
Tx
1
2
S2
S1
S6
S4
S5
S3
S6
S4
S5
S3
S2
S1
TP1 TP2
Technical Data
General specifications
Signal type
Universal
Supply
Connection
SL1: 1a(-), 1b(-); 2a(+), 2b(+)
Rated voltage
Ur
20.4 ... 30 V via Termination Board
Power dissipation
0.2 W
Current
≤ 75 mA (per channel)
Control circuit
Connection
SL1: 8a(+), 7a(-); 10a(+), 9a(-)
Signal
0 ... 20 mA
0 ... 5 V
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - HID2900TOP

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
HID2000BLANK PF-HID2000BLANK Datasheet
169Kb / 3P
Place Holder Barrier
HID2022 PF-HID2022 Datasheet
748Kb / 4P
Place Holder Barrier
HID2022SK PF-HID2022SK Datasheet
751Kb / 4P
SMART Transmitter Power Supply
HID2024 PF-HID2024 Datasheet
904Kb / 4P
SMART Transmitter Power Supply/Current Driver
HID2030 PF-HID2030 Datasheet
1Mb / 5P
SMART Transmitter Power Supply
More results

Similar Description - HID2900TOP

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
USB-CTR-15 ADL-USB-CTR-15 Datasheet
216Kb / 3P
Enclosure, module and screw terminal board
USB-DA12-8A ADL-USB-DA12-8A Datasheet
815Kb / 3P
Enclosure, module and screw terminal board
USB-DA12-8E ADL-USB-DA12-8E Datasheet
596Kb / 3P
Enclosure, module and screw terminal board
USB-IDIO-16 ADL-USB-IDIO-16 Datasheet
411Kb / 3P
Enclosure, module and screw terminal board
logo
PHOENIX CONTACT
2754341 PHOENIX-2754341 Datasheet
185Kb / 8P
Bus Terminal Module
5145B PHOENIX-5145B Datasheet
182Kb / 6P
Bus Terminal Module
logo
HARTING Technology Grou...
09-14-001-4651 HARTING-09-14-001-4651 Datasheet
455Kb / 2P
Han USB module, male screw terminal
logo
Pepperl+Fuchs Inc.
F-KD-EX2 PF-F-KD-EX2 Datasheet
688Kb / 3P
Terminal Module
F-KDR-EX2 PF-F-KDR-EX2 Datasheet
666Kb / 3P
Terminal Module
logo
NHP Electrical Engineer...
1734-VTM NHP-1734-VTM Datasheet
430Kb / 1P
POINT I/O VOLTAGE TERMINAL MODULE
7 June 2023,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com