Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2025-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Part # REF2025-Q1
Description  REF20xx-Q1 Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2025-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF2025-Q1 Datasheet HTML 9Page - Texas Instruments REF2025-Q1 Datasheet HTML 10Page - Texas Instruments REF2025-Q1 Datasheet HTML 11Page - Texas Instruments REF2025-Q1 Datasheet HTML 12Page - Texas Instruments REF2025-Q1 Datasheet HTML 13Page - Texas Instruments REF2025-Q1 Datasheet HTML 14Page - Texas Instruments REF2025-Q1 Datasheet HTML 15Page - Texas Instruments REF2025-Q1 Datasheet HTML 16Page - Texas Instruments REF2025-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
7.6 Typical Characteristics (continued)
At TA = 25°C, IL = 0 mA, VIN = 5 V power supply, CL = 0 µF, and 2.5 V output, unless otherwise noted.
0
5
10
15
20
25
30
35
40
Thermal Hysterisis - VREF (ppm)
C013
Figure 7-37. Thermal Hysteresis Distribution (VREF)
0
5
10
15
20
25
30
35
40
Thermal Hysteresis - VBIAS (ppm)
C014
Figure 7-38. Thermal Hysteresis Distribution (VBIAS)
Time (hr)
0
100
200
300
400
500
600
700
800
900 1000
-10
-5
0
5
10
15
20
25
30
35
40
45
50
Figure 7-39. Long-Term Stability (First 1000 Hours)
www.ti.com
REF20-Q1
SBOSA80 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: REF20-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com