Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2025-Q1 Datasheet(PDF) 14 Page - Texas Instruments

Part # REF2025-Q1
Description  REF20xx-Q1 Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2025-Q1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF2025-Q1 Datasheet HTML 10Page - Texas Instruments REF2025-Q1 Datasheet HTML 11Page - Texas Instruments REF2025-Q1 Datasheet HTML 12Page - Texas Instruments REF2025-Q1 Datasheet HTML 13Page - Texas Instruments REF2025-Q1 Datasheet HTML 14Page - Texas Instruments REF2025-Q1 Datasheet HTML 15Page - Texas Instruments REF2025-Q1 Datasheet HTML 16Page - Texas Instruments REF2025-Q1 Datasheet HTML 17Page - Texas Instruments REF2025-Q1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
8 Parameter Measurement Information
8.1 Solder Heat Shift
The materials used in the manufacture of the REF20xx-Q1 have differing coefficients of thermal expansion,
resulting in stress on the device die when the part is heated. Mechanical and thermal stress on the device
die can cause the output voltages to shift, degrading the initial accuracy specifications of the product. Reflow
soldering is a common cause of this error.
To illustrate this effect, a total of 92 devices were soldered on four printed circuit boards [23 devices on each
printed circuit board (PCB)] using lead-free solder paste and the paste manufacturer suggested reflow profile.
The reflow profile is as shown in Figure 8-1. The printed circuit board is comprised of FR4 material. The board
thickness is 1.57 mm and the area is 171.54 mm × 165.1 mm.
The reference and bias output voltages are measured before and after the reflow process; the typical shift is
displayed in Figure 8-2 and Figure 8-3. Although all tested units exhibit very low shifts (< 0.01%), higher shifts
are also possible depending on the size, thickness, and material of the printed circuit board. An important note is
that the histograms display the typical shift for exposure to a single reflow profile. Exposure to multiple reflows,
as is common on PCBs with surface-mount components on both sides, causes additional shifts in the output bias
voltage. If the PCB is exposed to multiple reflows, the device must be soldered in the second pass to minimize
its exposure to thermal stress.
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
Time (seconds)
C01
Figure 8-1. Reflow Profile
0
10
20
30
40
50
-0.0125
-0.01
-0.0075 -0.005 -0.0025
0
0.0025
Solder Heat Shift Histogram - V
REF (%)
C041
Figure 8-2. Solder Heat Shift Distribution, VREF (%)
0
10
20
30
40
50
60
-0.0125
-0.01
-0.0075 -0.005 -0.0025
0
0.0025
Solder Heat Shift Histogram - VBIAS (%)
C040
Figure 8-3. Solder Heat Shift Distribution, VBIAS (%)
REF20-Q1
SBOSA80 – DECEMBER 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: REF20-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com