Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8705 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8705
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8705 Datasheet(HTML) 2 Page - Analog Devices

  LT8705 Datasheet HTML 1Page - Analog Devices LT8705 Datasheet HTML 2Page - Analog Devices LT8705 Datasheet HTML 3Page - Analog Devices LT8705 Datasheet HTML 4Page - Analog Devices LT8705 Datasheet HTML 5Page - Analog Devices LT8705 Datasheet HTML 6Page - Analog Devices LT8705 Datasheet HTML 7Page - Analog Devices LT8705 Datasheet HTML 8Page - Analog Devices LT8705 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT8392
2
Rev. 0
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UVLO, VOUT, ISP, ISN ................................... 60V
(ISP-ISN) ......................................................... –1V to 1V
BST1, BST2............................................................... 66V
SW1, SW2, LSP, LSN.....................................–6V to 60V
INTVCC, (BST1-SW1), (BST2-SW2)............................. 6V
(BST1-LSP), (BST1-LSN) ............................................ 6V
EXTVCC..................................................................... 40V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8392EFE#PBF
LT8392EFE#TRPBF
LT8392FE
28-Lead Plastic TSSOP
–40°C to 125°C
LT8392JFE#PBF
LT8392JFE#TRPBF
LT8392FE
28-Lead Plastic TSSOP
–40°C to 150°C
LT8392HFE#PBF
LT8392HFE#TRPBF
LT8392FE
28-Lead Plastic TSSOP
–40°C to 150°C
LT8392EUFD#PBF
LT8392EUFD#TRPBF
8392
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LT8392JUFD#PBF
LT8392JUFD#TRPBF
8392
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 150°C
LT8392HUFD#PBF
LT8392HUFD#TRPBF
8392
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
θJA = 30°C/W, θJC = 5°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
28
27
26
25
24
23
22
21
20
19
18
17
16
15
BG1
BST1
SW1
TG1
LSP
LSN
VIN
INTVCC
EN/UVLO
TEST
TRIM
VREF
CTRL
ISP
BG2
BST2
SW2
TG2
VOUT
EXTVCC
SYNC/SPRD
RT
VC
FB
SS
PGOOD
ISMON
ISN
29
GND
9 10
TOP VIEW
29
GND
UFD PACKAGE
28-LEAD (4mm × 5mm) PLASTIC QFN
θJA = 43°C/W, θJC = 3.4°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
TG1
LSP
LSN
VIN
INTVCC
EN/UVLO
TEST
TRIM
TG2
VOUT
EXTVCC
SYNC/SPRD
RT
VC
FB
SS
7
17
18
19
20
21
22
16
8
15
PIN CONFIGURATION
FB, TRIM, SYNC/SPRD, CTRL, PGOOD....................... 6V
Operating Junction Temperature Range (Notes 2, 3)
LT8392E .............................................–40°C to 125°C
LT8392J..............................................–40°C to 150°C
LT8392H.............................................–40°C to 150°C
Storage Temperature Range ...................–65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com