Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8705 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8705
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8705 Datasheet(HTML) 3 Page - Analog Devices

  LT8705 Datasheet HTML 1Page - Analog Devices LT8705 Datasheet HTML 2Page - Analog Devices LT8705 Datasheet HTML 3Page - Analog Devices LT8705 Datasheet HTML 4Page - Analog Devices LT8705 Datasheet HTML 5Page - Analog Devices LT8705 Datasheet HTML 6Page - Analog Devices LT8705 Datasheet HTML 7Page - Analog Devices LT8705 Datasheet HTML 8Page - Analog Devices LT8705 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT8392
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, VEN/UVLO = 1.5V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply
VIN Operating Voltage Range
EXTVCC = 0V
EXTVCC = 8V
l
l
4
3
60
60
V
V
VIN Shutdown Current
VEN/UVLO = 0.3V
1
2
µA
VIN Active Current (Not Switching)
VEN/UVLO = 1.5V, EXTVCC = 0V
VEN/UVLO = 1.5V, EXTVCC = 8V
2
250
3
500
mA
µA
EXTVCC Voltage Range
l
0
40
V
EXTVCC Shutdown Current
VEN/UVLO = 0.3V, EXTVCC = 8V
0.1
0.5
µA
EXTVCC Active Current (Not Switching)
VEN/UVLO = 1.5V, EXTVCC = 8V
1.8
mA
VOUT Voltage Range
l
0
60
V
VOUT Quiescent Current
VEN/UVLO = 0.3V, VOUT = 12V
VEN/UVLO = 1.5V, VOUT = 12V
10
0.1
20
0.5
30
µA
µA
Linear Regulators
INTVCC Regulation Voltage
IINTVCC = 20mA
4.8
5.0
5.2
V
INTVCC Current Limit
VINTVCC = 4.5V
130
190
250
mA
INTVCC Undervoltage Lockout Threshold
Falling
3.34
3.54
3.74
V
INTVCC Undervoltage Lockout Hysteresis
0.22
V
VREF Regulation Voltage
IVREF = 100µA
l
1.96
2.00
2.04
V
VREF Current Limit
VREF = 1.8V
2
2.5
3.2
mA
Control Inputs
EN/UVLO Shutdown Threshold
l
0.3
0.6
1.0
V
EN/UVLO Enable Threshold
Falling
l
1.196
1.220
1.244
V
EN/UVLO Enable Hysteresis
13
mV
EN/UVLO Hysteresis Current
VEN/UVLO = 1.1V
VEN/UVLO = 1.3V
2.1
–0.1
2.5
0
2.9
0.1
µA
µA
Error Amplifier
Full-Scale Current Regulation V(ISP-ISN)
VCTRL = 2V, VISP = 12V
VCTRL = 2V, VISP = 0V
l
l
48
48
50
50
52
52
mV
mV
1/10th Current Regulation V(ISP-ISN)
VCTRL = 0.35V, VISP = 12V
VCTRL = 0.35V, VISP = 0V
l
l
3
3
5
5
7
7
mV
mV
ISMON Monitor Output VISMON
V(ISP–ISN) = 50mV, VISP = 12V/0V
V(ISP–ISN) = 5mV, VISP = 12V/0V
V(ISP–ISN)) = 0mV, VISP = 12V/0V
l
l
l
1.15
0.30
0.20
1.25
0.35
0.25
1.35
0.40
0.30
V
V
V
ISP/ISN Input Common Mode Range
l
0
60
V
ISP Input Bias Current
VISP = VISN = 12V
VISP = VISN = 0V
VEN/UVLO = 0V, VISP = VISN = 12V or 0V
20
–10
0
µA
µA
µA
ISN Input Bias Current
VISP = VISN = 12V
VISP = VISN = 0V
VEN/UVLO = 0V, VISP = VISN = 12V or 0V
20
–10
0
µA
µA
µA
ISP/ISN Current Regulation Amplifier gm
8000
µs
FB Regulation Voltage
VC = 1.2V
l
0.985
1.00
1.015
V
FB Line Regulation
VIN = 4V to 60V
0.2
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com