Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IBR12 Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # IBR12
Description  Isobar 12-Outlet Network Server Surge Protector, 15 ft. Cord, 3840 Joules, Diagnostic LEDs, 1U Rack-Mount, Metal Housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

IBR12 Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  IBR12 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved IBR12 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved IBR12 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved IBR12 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2022 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Included Mounting Accessories
Included mounting flanges are pre-installed for 1U rackmount installation and can be re-configured to support a
variety of mounting options
Mounting Holes or Slots
No
Outlets Measurement (Center to
Center)
Distance between front outlets = 38.9mm; Distance between rear outlets = 38.9mm
Receptacle Color
Black
Shipping Dimensions (hwd / cm)
23.11 x 6.35 x 51.31
Shipping Dimensions (hwd / in.)
9.10 x 2.50 x 20.20
Shipping Weight (kg)
2.77
Shipping Weight (lbs.)
6.10
Unit Dimensions (hwd / in.)
1.75 x 17.5 x 4
Unit Dimensions (hwd / cm)
4.45 x 44.5 x 10.2
Unit Weight (lbs.)
4.6
Unit Weight (kg)
2.09
Mounting Details
Includes flanges
FEATURES & SPECIFICATIONS
Antimicrobial
No
Rotatable Outlets
No
STANDARDS & COMPLIANCE
Certification & Compliance
RoHS; UL 1449
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$25,000&nbsp;<a class="insuranceLink" href="//www.tripplite.com/support/insurance-policy">Ultimate Lifetime
Insurance</a>&nbsp;
4 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com