Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IBR12 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # IBR12
Description  Isobar 12-Outlet Network Server Surge Protector, 15 ft. Cord, 3840 Joules, Diagnostic LEDs, 1U Rack-Mount, Metal Housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

IBR12 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  IBR12 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved IBR12 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved IBR12 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved IBR12 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Isobar 12-Outlet Network Server Surge Protector,
15 ft. Cord, 3840 Joules, Diagnostic LEDs, 1U
Rack-Mount, Metal Housing
MODEL NUMBER: IBAR12
Rack-mount protection for A/V components, network hardware, retail displays, appliances, power tools
and other expensive electronics against dangerous surges, spikes and line noise in IT and industrial
environments.
Description
Premium protection for essential network workstations, telecom systems, point-of-sale equipment and
audio/video systems, the IBAR12 Isobar® 12-Outlet Surge Protector features a network-grade surge
protection rating of 3840 joules to defend your sensitive electronics against even the strongest surges and
spikes. In fact, Tripp Lite will repair or replace any connected equipment damaged by surges up to
$25,000 for life (valid in the U.S., Canada and Puerto Rico only).
The IBAR12 features 12 total outlets—two on the front and 10 on the rear—which are arranged in two
exclusive isolated filter banks that prevent equipment connected to one bank from interfering with
equipment connected to the other. These internal barriers also prevent disruptive line noise from causing
A/V distortion, computer lock-ups, data errors and similar problems. Large toroidal chokes, ferrite rod-core
inductors, HF/VHF capacitors and multiple layers of metal oxide varistors remove EMI/RFI interference
and prevent system crashes, reboots and performance problems.
Because residential power outlets have three wires—hot line (H), neutral (N) and ground (G)—the IBAR12
protects all three, covering two protection modes: full normal mode (H-N) and common mode (N-G/H-G).
An integrated 15A circuit breaker protects all outlets and shuts down connected equipment in the event of
an overload. A lighted on/off switch with locking cover provides one-touch control over connected
components. Diagnostic LEDs show power, protection and line fault status at a glance. The IBAR12
mounts to a wall, under a counter or in 1U of rack space using the included hardware. A 15-foot (4.6-
meter) power cord with NEMA 5-15P plug reaches distant outlets.
Features
Network-Grade 3840-Joule Surge Protection for IT or Industrial Electronics
Protects rack-mounted network hardware, retail displays, appliances, power tools and other expensive
electronics against even the strongest surges and spikes
q
Recommended for network workstations, telecom systems, point-of-sale equipment and audio/video
systems requiring AC line protection
q
Full normal mode (H-N) and common mode (N-G/H-G) line surge suppression
q
Filters out disruptive EMI/RFI line noise that can cause equipment damage or data loss
q
Exceeds IEEE 587 Category A and B surge suppression specifications
q
Highlights
12 NEMA 5-15R outlets in
exclusive isolated filter banks
q
Network-grade 3840-joule surge
protection rating
q
Mounts into 1U of space in EIA-
standard 19 in. racks
q
15A resettable circuit breaker
prevents dangerous overloads
q
15 ft. AC power cord with NEMA
5-15P plug
q
Package Includes
IBAR12 Isobar 12-Outlet Surge
Protector, 1U Rack-Mount
q
Rack-mounting brackets
q
Owner’s manual
q
1 / 4


Similar Part No. - IBR12

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
IBR-I3-3217UE SEALEVEL-IBR-I3-3217UE Datasheet
367Kb / 2P
COM Express Module, Type 6, 1.6GHz Intel Core i3
logo
List of Unclassifed Man...
IBR-i3-R-3217UE ETC1-IBR-i3-R-3217UE Datasheet
664Kb / 3P
Extreme Rugged??COM Express짰 Type 6 Module with 3rd Generation Intel짰 Core??i3/i7 Processor
logo
Sealevel Systems, Inc.
IBR-I7-3517UE SEALEVEL-IBR-I7-3517UE Datasheet
340Kb / 2P
COM Express Module, Type 6, 1.7GHz Intel Core i7
logo
List of Unclassifed Man...
IBR-I7-R-3517UE ETC1-IBR-I7-R-3517UE Datasheet
664Kb / 3P
Extreme Rugged??COM Express짰 Type 6 Module with 3rd Generation Intel짰 Core??i3/i7 Processor
IBR-i7-R-3555LE ETC1-IBR-i7-R-3555LE Datasheet
664Kb / 3P
Extreme Rugged??COM Express짰 Type 6 Module with 3rd Generation Intel짰 Core??i3/i7 Processor
More results

Similar Description - IBR12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IBAR12-20ULTRA ETC2-IBAR12-20ULTRA Datasheet
485Kb / 5P
12 outlet, 15-ft cord, 3840 joules, Rackmount Isobar Surge Suppressor
ISOBAR12ULTRA ETC2-ISOBAR12ULTRA Datasheet
486Kb / 5P
12-Outlet Isobar Rackmount Surge Protector with 15-ft Cord and All-Metal Housing
IBAR12 ETC2-IBAR12 Datasheet
486Kb / 5P
12 outlet, 15-ft cord, 3840 joules, All metal housing Rackmount Isobar Surge Suppressor
logo
Tripp Lite. All Rights ...
IBAR12-20T TRIPPLITE-IBAR12-20T Datasheet
164Kb / 4P
Isobar 12-Outlet Network Server Surge Protector, 15 ft. Cord with L5-20P Plug, 3840 Joules, Diagnostic LEDs, 1U Rack-Mount
IBAR12-20ULTRA TRIPPLITE-IBAR12-20ULTRA Datasheet
163Kb / 4P
Isobar 12-Outlet Network Server Surge Protector, 15 ft. (4.57 m) Cord with 5-20P Plug, 3840 Joules, Diagnostic LEDs, 1U Rack-Mount
ISOBAR12 TRIPPLITE-ISOBAR12 Datasheet
480Kb / 3P
12 outlet, 15-ft cord, 3840 joules, Rackmount Isobar Surge Suppressor
ISOBAR12ULTRA TRIPPLITE-ISOBAR12ULTRA Datasheet
163Kb / 4P
Isobar 12-Outlet Surge Protector, 15 ft. (4.57 m) Cord, 3840 Joules, Diagnostic LEDs, 1U Rack-Mount
ISOBAR4ULTRA TRIPPLITE-ISOBAR4ULTRA Datasheet
180Kb / 4P
Isobar 4-Outlet Surge Protector, 6 ft. Cord with Right-Angle Plug, 3330 Joules, Diagnostic LEDs, Metal Housing
ISOBAR6ULTRA TRIPPLITE-ISOBAR6ULTRA Datasheet
179Kb / 4P
Isobar 6-Outlet Surge Protector, 6 ft. Cord with Right-Angle Plug, 3330 Joules, Diagnostic LEDs, Metal Housing
ISOBAR8ULTRA TRIPPLITE-ISOBAR8ULTRA Datasheet
177Kb / 4P
Isobar 8-Outlet Surge Protector, 12 ft. Cord with Right-Angle Plug, 3840 Joules, Diagnostic LEDs, Metal Housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com